Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP250 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # BSP250
Description  P-Channel 35 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

BSP250 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  BSP250 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd BSP250 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10 V thru 5V
VGS =4V
VGS =3V
V
DS - Drain-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
0.10
0
6
12
18
24
30
VGS =10V
VGS =4.5 V
I
D - Drain Current (A)
0
2
4
6
8
10
0.0
5.1
10.2
15.3
20.4
25.5
ID =5A
VDS =20V
VDS =30V
VDS =10V
Q
g - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
01
2
3
45
TC = 125 °C
TC = 25 °C
TC = - 55 °C
V
GS - Gate-to-Source Voltage (V)
Crss
0
320
640
960
1280
1600
0.0
2.4
4.8
7.2
9.6
12.0
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
ID =5A
VGS =4.5 V
VGS =10V
T
J - Junction Temperature (°C)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
BSP250
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com