Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPN12AD1E-FU Datasheet(PDF) 10 Page - Cyntec Co., Ltd.

Part # VPN12AD1E-FU
Description  High Efficiency DC/DC Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD1E-FU Datasheet(HTML) 10 Page - Cyntec Co., Ltd.

Back Button VPN12AD1E-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 9Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 10Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 11Page - Cyntec Co., Ltd. VPN12AD1E-FU Datasheet HTML 12Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev.P6
10
VPN12AD1E-FU
Lead-free soldering process is a standard of electronic products production. Solder alloys like Sn/Ag,
Sn/Ag/Cu and Sn/Ag/Bi are used extensively to replace the traditional Sn/Pb alloy. Sn/Ag/Cu alloy
(SAC) is recommended for this power module process. In the SAC alloy series, SAC305 is a very
popular solder alloy containing 3% Ag and 0.5% Cu and easy to obtain. Figure 56 shows an example of
the reflow profile diagram. Typically, the profile has three stages. During the initial stage from room
temperature to 150°C, the ramp rate of temperature should not be more than 3°C/sec. The soak zone
then occurs from 150°C to 200°C and should last for 60 to 120 seconds. Finally, keep at over 217°C for
60 seconds limit to melt the solder and make the peak temperature at the range from 240°C to 250°C.
It is noted that the time of peak temperature should depend on the mass of the PCB board. The reflow
profile is usually supported by the solder vendor and one should adopt it for optimization according to
various solder type and various manufacturers’ formulae.
FIG.11 Recommendation Reflow Profile
REFLOW PARAMETERS:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com