Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2202DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPX2202DP
Description  200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX2202DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPX2202DP Datasheet HTML 2Page - NXP Semiconductors MPX2202DP Datasheet HTML 3Page - NXP Semiconductors MPX2202DP Datasheet HTML 4Page - NXP Semiconductors MPX2202DP Datasheet HTML 5Page - NXP Semiconductors MPX2202DP Datasheet HTML 6Page - NXP Semiconductors MPX2202DP Datasheet HTML 7Page - NXP Semiconductors MPX2202DP Datasheet HTML 8Page - NXP Semiconductors MPX2202DP Datasheet HTML 9Page - NXP Semiconductors MPX2202DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MPX2202
Sensors
6
Freescale Semiconductor, Inc.
Pressure
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Freescale MPX
pressure sensor is designed to operate with positive
differential pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
following table.
Table 3. Pressure (P1) Side Delineation
Part Number
Case Type
Pressure (P1) Side Identifier
MPX2202A
344
Stainless Steel Cap
MPX2202DP
344C
Side with Part Marking
MPX2202GP/AP
344B
Side with Port Attached
MPX2202ASX
344F
Side with Port Attached
MPX2202GP
1369
Side with Port Attached
MPX2202DP
1351
Side with Part Marking
MPXV2202GP
1369
Side with Port Attached
MPXV2202DP
1351
Side with Part Marking
MPXV2202GC6TI
482A
Side with Port Attached
MPXM2202A/ATI/DT/DTI
1320
Side with Part Marking
MPXM2202GS/GSTI/AS/ASTI
1320A
Side with Port Attached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com