Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2202AP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPX2202AP
Description  200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX2202AP Datasheet(HTML) 3 Page - NXP Semiconductors

  MPX2202AP Datasheet HTML 1Page - NXP Semiconductors MPX2202AP Datasheet HTML 2Page - NXP Semiconductors MPX2202AP Datasheet HTML 3Page - NXP Semiconductors MPX2202AP Datasheet HTML 4Page - NXP Semiconductors MPX2202AP Datasheet HTML 5Page - NXP Semiconductors MPX2202AP Datasheet HTML 6Page - NXP Semiconductors MPX2202AP Datasheet HTML 7Page - NXP Semiconductors MPX2202AP Datasheet HTML 8Page - NXP Semiconductors MPX2202AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MPX2202
Sensors
Freescale Semiconductor, Inc.
3
Pressure
Operating Characteristics
Table 1. Operating Characteristics
(VS = 10 Vdc, TA = 25C unless otherwise noted, P1 > P2)
Characteristics
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
Absolute Pressure Range MPX2202A
Differential Pressure Range MPX2202D
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
POP
20
0
—
—
200
200
kPa
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self-heating.
VS
—10
16
Vdc
Supply Current
Io
—6.0—
mAdc
Full Scale Span(3)
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
38.5
40
41.5
mV
Offset(4)
MPX2202D, MPXM2202D/G Series
MPX2202A, MPXM2202A Series
4. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
-1.0
-2.0
—
—
1.0
2.0
mV
Sensitivity
V/P—
0.2
—
mV/kPa
Linearity(5)
MPXM2202D/G, MPX2202D Series
MPXM2202A, MPX2202A Series
5. Accuracy (error budget) consists of the following:
Linearity:Output deviation from a straight line relationship with pressure, using end point method, over the specified pressure range.
Temperature Hysteresis:Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and
from the minimum or maximum operating temperature points, with zero differential pressure applied.
Pressure Hysteresis:Output deviation at any pressure within the specified range, when this pressure is cycled to and from the minimum or
maximum rated pressure, at 25
C.
TcSpan:Output deviation at full rated pressure over the temperature range of 0 to 85
C, relative to 25C.
TcOffset:Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85
C, relative to 25C.
—-0.6
-1.0
—
—
0.4
1.0
%VFSS
Pressure Hysteresis(5) (0 to 200 kPa)
——
 0.1
—
%VFSS
Temperature Hysteresis(5) (-40
C to +125C)
——
 0.5
—
%VFSS
Temperature Effect on Full Scale Span(5)
TCVFSS
-2.0
—
2.0
%VFSS
Temperature Effect on Offset(5)
TCVoff
-1.0
—
1.0
mV
Input Impedance
Zin
1000
—
2500
Output Impedance
Zout
1400
—
3000
Response Time(6) (10% to 90%)
6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—1.0—
ms
Warm-Up
—
—
20
—
ms
Offset Stability(7)
7. Offset stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
——
0.5
—
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com