Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG936BCP-R-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG936BCP-R-REEL7
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BCP-R-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG936BCP-R-REEL7 Datasheet HTML 7Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 8Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 9Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 10Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 11Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 12Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 13Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 14Page - Analog Devices ADG936BCP-R-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 11 of 16
APPLICATIONS
The ADG936/ADG936-R are ideal solutions for low power,
high frequency applications. The low insertion loss, high
isolation between ports, low distortion, and low current
consumption of these parts make them excellent solutions for
many high frequency switching applications. They can be used
in applications such as switchable filters, transmitters and
receivers for radar systems, and communication systems from
base stations to cell phones.
The ADG9xx family of wideband switches is designed to meet
the demands of devices transmitting at ISM band frequencies to
1 GHz and higher. The low insertion loss, high isolation
between ports, single pin control interface, no requirement for
dc blocking capacitors, and TTL interface compatibility make
them cost-effective and easy-to-integrate switching solutions for
many high frequency switching and low power applications,
because the parts can handle up to 16 dBm of power.
ABSORPTIVE VS. REFLECTIVE
The ADG936 is an absorptive (matched) switch with 50 Ω
terminated shunt legs; the ADG936-R is a reflective switch with
0 Ω terminated shunts to ground. The ADG936 absorptive
switch has a good VSWR on each port, regardless of the switch
mode. An absorptive switch should be used when there is a
need for a good VSWR that is looking into the port but not
passing the through-signal to the common port. The ADG936
is, therefore, ideal for applications that require minimum
reflections back to the RF source. It also ensures that the
maximum power is transferred to the load.
The ADG936-R reflective switch is suitable for applications in
which high off-port VSWR does not matter, and the switch has
some other desired performance features. It can be used in
many applications, including high speed filter selection. In most
cases, an absorptive switch can be used instead of a reflective
switch, but not vice versa.
FILTER SELECTION
The ADG936 and ADG936-R can be used to switch high
frequency signals between different filters, and to multiplex the
signal to the output. These dual SPDT switches are also ideal for
high speed signal routing and for switching high speed
differential signals.
ADG936
ADG936
RF1A
RF2A
RF1B
RF2B
RF1A
RF2A
RF1B
RF2B
RFOUT
RFCA
RFOUT
RFCB
RFIN
RFCB
RFIN
RFCA
Figure 27. Filter Selection
Tx/Rx SWITCHING
The low insertion loss and high isolation between ports ensure
that the ADG936/ADG936-R are suitable transmit/receive
switches for all ISM band and Wireless LAN applications,
providing the required isolation between the transmit and
receive signals.
ANTENNA
ADG936
RF1B
RF2B
RF1B
RF2B
RFCB
RFCA
PA
LNA
Figure 28. Tx/Rx Switching
ANTENNA DIVERSITY SWITCH
The ADG936/ADG936-R are ideal for use as antenna diversity
switches, switching in different antennas to the tuner. The low
insertion loss, which ensures minimum signal loss and high
isolation between channels, makes these dual SPDT switches
suitable for switching applications in tuner modules and set-top
boxes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com