Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804455 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804455
Description  GMSTB 2,5/ 2-ST
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GMSTB 2,5/ 2-ST Order No.: 1766880
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1766880
PHOENIX CONTACT Inc., USA
Page 4 / 5
http://www.phoenixcon.com
Feb 25, 2010
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0804455
SK 7,5/3,8:FORTL.ZAHLEN
Marker card, self-adhesive, 10-section marker strip, 12 identical
decades marked 1-10, 11-20 etc. up to 91-100, sufficient for 120
terminal blocks
0805137
SK 7,5/3,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 12 identical marker strips per card, max.
25-position labeling per strip, color: white
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Tools
1205053
SZS 0,6X3,5
Screwdriver, bladed, matches all screw terminal blocks up to 4.0
mm² connection cross section, blade: 0.6 x 3.5 mm, without VDE
approval
Additional products
Item
Designation
Description
General
1766013
GMSTB 2,5/ 2-G
Header, Nominal current: 12 A, Nom. voltage: 400 V, Pitch: 7.5
mm, Number of positions: 2, Color: green, Assembly: Soldering
1766343
GMSTBA 2,5/ 2-G
Header, Nominal current: 12 A, Nom. voltage: 400 V, Pitch: 7.5
mm, Number of positions: 2, Color: green, Assembly: Soldering
1766453
GMSTBV 2,5/ 2-G
Header, Nominal current: 12 A, Nom. voltage: 400 V, Pitch: 7.5
mm, Number of positions: 2, Color: green, Assembly: Soldering
1766660
GMSTBVA 2,5/ 2-G
Header, Nominal current: 12 A, Nom. voltage: 400 V, Pitch: 7.5
mm, Number of positions: 2, Color: green, Assembly: Soldering
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com