Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4401 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # 2N4401
Description  NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N4401 Datasheet(HTML) 4 Page - Continental Device India Limited

  2N4401 Datasheet HTML 1Page - Continental Device India Limited 2N4401 Datasheet HTML 2Page - Continental Device India Limited 2N4401 Datasheet HTML 3Page - Continental Device India Limited 2N4401 Datasheet HTML 4Page - Continental Device India Limited 2N4401 Datasheet HTML 5Page - Continental Device India Limited 2N4401 Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Continental Device India Limited
Data Sheet
Page 4 of 6
2N4400, 2N4401
2N4402, 2N4403
DC Current Gain
I
C Collector Current (mA)
TJ=125°C
25°C
IC=1.0mA
10mA
100mA
500mA
TJ=25°C
DC Current Gain
I
B Base Current (mA)
I
C Collector Current (mA)
On Voltages
TJ=25°C
VBE@VCE=1.0V
VCE(sat)@IC/IB=10
VCE=1.0V
VCE=10V
–55°C
VBE(sat)@IC/IB=10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com