Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6207IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LT6207IGN
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGN Datasheet(HTML) 2 Page - Linear Technology

  LT6207IGN Datasheet HTML 1Page - Linear Technology LT6207IGN Datasheet HTML 2Page - Linear Technology LT6207IGN Datasheet HTML 3Page - Linear Technology LT6207IGN Datasheet HTML 4Page - Linear Technology LT6207IGN Datasheet HTML 5Page - Linear Technology LT6207IGN Datasheet HTML 6Page - Linear Technology LT6207IGN Datasheet HTML 7Page - Linear Technology LT6207IGN Datasheet HTML 8Page - Linear Technology LT6207IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6205/LT6206/LT6207
2
620567f
Total Supply Voltage (V+ to V) ............................ 12.6V
Input Current ......................................................
±10mA
Input Voltage Range (Note 2) ...................................
±VS
Output Short-Circuit Duration (Note 3) ............ Indefinite
Pin Current While Exceeding Supplies (Note 9) ..
±25mA
MS8 PART
MARKING
TJMAX = 150°C, θJA = 250°C/W
LTH3
LTH4
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the specified temperature
range, otherwise specifications are at TA = 25°C. VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = 1V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
1
3.5
mV
q
5mV
Input Offset Voltage Match
13
mV
(Channel-to-Channel) (Note 5)
q
4mV
Input Offset Voltage Drift (Note 6)
q
715
µV/°C
IB
Input Bias Current
q
10
30
µA
IOS
Input Offset Current
q
0.6
3
µA
Input Noise Voltage
0.1Hz to 10Hz
2
µVP-P
en
Input Noise Voltage Density
f = 10kHz
9
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
4
pA/
√Hz
Input Resistance
VCM = 0V to V+ – 2V
1
M
Input Capacitance
2pF
*The temperature grades are identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
OUT A
–IN A
+IN A
V
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
+
Operating Temperature Range .................–40
°C to 85°C
Specified Temperature Range (Note 4) ....–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Maximum Junction Temperature .......................... 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT6206CMS8
LT6206IMS8
S5 PART
MARKING*
LTAEM
ORDER PART
NUMBER
LT6205CS5
LT6205IS5
GN PART
MARKING
6207
6207I
ORDER PART
NUMBER
LT6207CGN
LT6207IGN
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
NC
C
+
D
+
B
+
A
+
5 V +
4 –IN
OUT 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
V 2
+IN 3
TJMAX = 150°C, θJA = 135°C/W
TJMAX = 150°C, θJA = 250°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com