Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804549 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804549
Description  PC 4/ 3-ST-7,62
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PC 4/ 3-ST-7,62 Order No.: 1804917
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1804917
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Mar 11, 2010
Accessories
Item
Designation
Description
General
1837227
KGG-PC 4/ 3
Cable housing, Pitch: 7.62 mm, Number of positions: 3,
Dimension a: 24.66 mm, Color: green
1837324
KGG-PC 4/ 3-F
Cable housing, Pitch: 7.62 mm, Number of positions: 3,
Dimension a: 24.66 mm, Color: green
1837256
KGS-PC 4/ 6
Cable housing, Pitch: 7.62 mm, Number of positions: 6,
Dimension a: 47.52 mm, Color: green
1837353
KGS-PC 4/ 6-F
Cable housing, Pitch: 7.62 mm, Number of positions: 6,
Dimension a: 47.52 mm, Color: green
Marking
0804549
SK 7,62/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 10-section marker
strip, 12 identical decades marked 1-10, 11-20 etc. up to 91-99,
sufficient for 120 terminal blocks
Plug/Adapter
1600027
CP-HCC 4
Coding profile, Color: red
Tools
1205053
SZS 0,6X3,5
Screwdriver, bladed, matches all screw terminal blocks up to 4.0
mm² connection cross section, blade: 0.6 x 3.5 mm, without VDE
approval
Additional products
Item
Designation
Description
General
1849998
PCVK 4-7,62
Plug component, Nominal current: 20 A, Nom. voltage: 500
V, Pitch: 7.62 mm, Number of positions: 1, Width: 7.62 mm,
Connection type: Screw connection, Color: green
1876246
PCVK 4-7,62-PE
Plug component, Nom. voltage: 500 V, Pitch: 7.62 mm, Number of
positions: 1, Width: 7.62 mm, Connection type: Screw connection,
Color: green-yellow
1838381
UPCV3K 4-G-7,62
Header, Nominal current: 20 A, Nom. voltage: 800 V, Pitch: 7.62
mm, Number of positions: 1, Width: 7.62 mm, Connection type:
Screw connection, Color: gray



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com