Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5071 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5071
Description  Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5071 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM5071 Datasheet HTML 10Page - National Semiconductor (TI) LM5071 Datasheet HTML 11Page - National Semiconductor (TI) LM5071 Datasheet HTML 12Page - National Semiconductor (TI) LM5071 Datasheet HTML 13Page - National Semiconductor (TI) LM5071 Datasheet HTML 14Page - National Semiconductor (TI) LM5071 Datasheet HTML 15Page - National Semiconductor (TI) LM5071 Datasheet HTML 16Page - National Semiconductor (TI) LM5071 Datasheet HTML 17Page - National Semiconductor (TI) LM5071 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Gate Driver and Maximum Duty
Cycle Limit (Continued)
plished with an internal toggle flip-flop which ensures an
accurate duty cycle limit. The internal oscillator frequency of
the LM5071-50 is therefore twice the operating frequency of
the PWM controller (OUT pin).
The 80% maximum duty cycle limit of the LM5071-80 is
determined by the internal oscillator and varies more than
the 50% limit of the LM5071-50. For the LM5071-80, the
internal oscillator frequency and the operational frequency of
the PWM controller are equal.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect the
integrated circuit in the event the maximum junction tem-
perature is exceeded. This feature prevents catastrophic
failures from accidental device overheating. When activated,
typically at 165 degrees Celsius, the controller is forced into
a low power standby state, disabling the output driver, bias
regulator, main interface pass MOSFET, and classification
regulator if enabled. After the temperature is reduced (typical
hysteresis = 25˚C ) the V
CC regulator will be enabled and a
softstart sequence initiated.
Thermal shutdown is not enabled during auxiliary power
operation as the power MOSFET is not running any current
and should not experience an over-temperature condition. If
the drain of the MOSFET exceeds 2.5V with respect to VEE
(internal Power Good de-assertion), PoE UVLO becomes
de-asserted (insertion of PoE or other 48V supply), or the
auxiliary power is removed, thermal limit will be re-enabled
immediately.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com