Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V751HA40 Datasheet(PDF) 1 Page - Littelfuse

Part # V751HA40
Description  Varistor Products - High Energy Industrial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V751HA40 Datasheet(HTML) 1 Page - Littelfuse

  V751HA40 Datasheet HTML 1Page - Littelfuse V751HA40 Datasheet HTML 2Page - Littelfuse V751HA40 Datasheet HTML 3Page - Littelfuse V751HA40 Datasheet HTML 4Page - Littelfuse V751HA40 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
90
www .littelfuse .com
Varistor Products
High Energy Industrial
HA Varistor Series
HA Series transient surge suppressors are industrial high energy
metal-oxide varistors (MOVs). They are designed to provide secondary
surge protection in the outdoor and service entrance environment
(distribution panels) of buildings, and also in industrial applications for
motor controls and power supplies used in the oil-drilling, mining, and
transportation fields.
The design of the HA Series of metal oxide varistors provide rigid
terminals for screw mounting. Also available in a clipped lead version
for through hole board placement or to accommodate soldered leads -
designation “HC”.
See Ratings and Specifications table for part number and brand information.
Features
• Wide Operating Voltage Range
VM(AC)RMS .................................. .110V to 750V
• Two Disc Sizes Available . .................... 32mm and 40mm
• High Energy Absorption
Capability...............................WTM = 170J to 1050J
• High Peak Pulse Current
Capability,. ..........................ITM = 25,000A to 40,000A
• Rigid Terminals for Secure Mounting
• Available in Trimmed Version for Through Hole Board Mounting -
Designation “HC”
• No Derating Up to 85oC Ambient
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories. Certified by CSA.
AGENCY FILE NUMBERS: UL E75961, CSA LR91788.
ALSO SEE
HB34 SERIES
®
®


Similar Part No. - V751HA40

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
V751HA40 MDE-V751HA40 Datasheet
63Kb / 1P
Metal Oxide Varistors
More results

Similar Description - V751HA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
Varistor Products - High Energy Industrial Disc
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
Varistor Products - High Energy Industrial Thermally Protected
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
Varistor Products - High Energy Industrial
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
Varistor Products - High Energy Industrial Square Disc
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
Varistor Products
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
Varistor Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com