Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDB36070 Datasheet(PDF) 1 Page - Schneider Electric

Part # EDB36070
Description  E-Frame Branch Brkr 70A, 3P, 600Y/347V, 14kA, Bolt-on Mnt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

EDB36070 Datasheet(HTML) 1 Page - Schneider Electric

  EDB36070 Datasheet HTML 1Page - Schneider Electric EDB36070 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
EDB36070
E-Frame Branch Brkr 70A, 3P, 600Y/347V, 14kA,
Bolt-on Mnt
Product availability : Stock - Normally stocked in distribution facility
Price** : 911.00 USD
Main
Range of product
125 A Frame EDB-EGB-EJB
Product or component type
Circuit-breaker
Device short name
EDB
Module type
E-Frame
Trip unit rating
1800 A
Complementary
Line Rated Current
70 A
Maximum operating voltage
600Y/347 V AC
AWG gauge
AWG 12...AWG 2/0 aluminium
AWG 14...AWG 2/0 copper
Breaking capacity
14 kA 600Y/347 V AC
Circuit breaker application
HACR rated
Depth
4.05 in (102.87 mm)
Electrical connection
Lugs aluminium
Height
5.66 in (143.76 mm)
Holding current
630 A
Local signalling
Trip indicator
Mounting mode
Bolt-on
Number of poles
3
Number of spaces
3
Number of spaces required
3
Product destination
NF panelboard
Net weight
4 lb(US) (1.81 kg)
Protection type
Overload
Short-circuit
Jun 11, 2020
1


Similar Part No. - EDB36070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EDB36015 SCHNEIDER-EDB36015 Datasheet
138Kb / 2P
E-Frame Branch Brkr 15A, 3P, 600Y/347V, 14kA, Bolt-on Mnt
Jun 11, 2020
EDB36015AABASA SCHNEIDER-EDB36015AABASA Datasheet
55Kb / 1P
MINIATURE CIRCUIT BREAKER 600V 15A
Jun 17, 2020
EDB36015SA SCHNEIDER-EDB36015SA Datasheet
129Kb / 2P
E-Frame Branch Brkr 15A, 3P, 600Y/347V, 14kA, Bolt-on Mnt, Shunt Trip
Jun 17, 2020
EDB36020 SCHNEIDER-EDB36020 Datasheet
138Kb / 2P
E-Frame Branch Brkr 20A, 3P, 600Y/347V, 14kA, Bolt-on Mnt
Jun 11, 2020
EDB36020SA SCHNEIDER-EDB36020SA Datasheet
127Kb / 2P
E-Frame Branch Brkr 20A, 3P, 600Y/347V, 14kA, Bolt-on Mnt, Shunt Trip
Jun 17, 2020
More results

Similar Description - EDB36070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EDB36015 SCHNEIDER-EDB36015 Datasheet
138Kb / 2P
E-Frame Branch Brkr 15A, 3P, 600Y/347V, 14kA, Bolt-on Mnt
Jun 11, 2020
EDB36025 SCHNEIDER-EDB36025 Datasheet
138Kb / 2P
E-Frame Branch Brkr 25A, 3P, 600Y/347V, 14kA, Bolt-on Mnt
Jun 11, 2020
EDB36030 SCHNEIDER-EDB36030 Datasheet
138Kb / 2P
E-Frame Branch Brkr 30A, 3P, 600Y/347V, 14kA, Bolt-on Mnt
Jun 11, 2020
EDB36035 SCHNEIDER-EDB36035 Datasheet
138Kb / 2P
E-Frame Branch Brkr 35A, 3P, 600Y/347V, 14kA, Bolt-on Mnt
Jun 11, 2020
EDB36040 SCHNEIDER-EDB36040 Datasheet
138Kb / 2P
E-Frame Branch Brkr 40A, 3P, 600Y/347V, 14kA, Bolt-on Mnt
Jun 11, 2020
EDB36100 SCHNEIDER-EDB36100 Datasheet
138Kb / 2P
E-Frame Branch Brkr 100A, 3P, 600Y/347V, 14kA, Bolt-on Mnt
EGB36070 SCHNEIDER-EGB36070 Datasheet
138Kb / 2P
E-Frame Branch Brkr 70A, 3P, 600Y/347V, 18kA, Bolt-on Mnt
Jun 11, 2020
EJB36070 SCHNEIDER-EJB36070 Datasheet
138Kb / 2P
E-Frame Branch Brkr 70A, 3P, 600Y/347V, 25kA, Bolt-on Mnt
Jun 11, 2020
EDB16070 SCHNEIDER-EDB16070 Datasheet
108Kb / 2P
E-Frame Branch Brkr 70A, 1P, 600Y/347V, 14kA, Bolt-on Mnt
Jun 17, 2020
EDB26070 SCHNEIDER-EDB26070 Datasheet
119Kb / 2P
E-Frame Branch Brkr 70A, 2P, 600Y/347V, 14kA, Bolt-on Mnt
Jun 17, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com