Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC6424 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC6424
Description  500 Mb/s Video Shift Register IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6424 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC6424 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6424 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC6424 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC6424 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC6424 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC6424 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC6424 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC6424 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC6424 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC6424
500 Mb/s Video
Shift Register IC
G52236-0, Rev 3.0
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
7/13/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
DC Characteristics
Table 7: ECL Inputs and Outputs
Notes: 1) Load=50
Ω to -2.0V.
2) External Reference (Vref) = -1.32 V + 25mV
Table 8: TTL Inputs and Outputs
Notes: 1) Outputs are open
Power Dissipation
Table 9: VSC6424 Power Supply Currents
Parameter
Description
Min
Typ
Max
Units
Conditions
V
OH
Output HIGH voltage
-1020
-
-700
mV
-
V
OL
Output LOW voltage
-2000
-
-1620
mV
-
V
IH
Input HIGH voltage
-1165
-
-700
mV
-
V
IL
Input LOW voltage
-2000
-
-1475
mV
-
I
IH
Input HIGH current
-
-
200
µAV
IN=VIH (max)
I
IL
Input LOW current
-50
-
-
µAV
IN=VIL (min)
Parameters
Description
Min
Max
Units
Conditions
V
OH
Output HIGH voltage
2.4
-
V
IOH = -12 mA
V
OL
Output LOW voltage
-
0.4
V
IOL = 12mA
V
IH
Input HIGH voltage
2.0
VTTL + 1.0 V
V
-
V
IL
Input LOW voltage
0
0.8
V
-
I
IH
Input HIGH current
-
300
µA
VIN = 2.4 V
I
IL
Input LOW current
-50
-
µA
VIN = 0.4 V
I
OZH
3-State Output OFF
Current HIGH
-200
µA
VOUT = 2.4 V
I
OZL
3-State Output OFF
Current LOW
-100
-
µA
VOUT = 0.4 V
I
OZHB
3-State Output OFF
Current HIGH for Bi-directs
-500
µA
VOUT = 2.4 V
I
OH
Open Collector Output
Leakage Current
-200
µA
VOUT = 2.4 V
Parameter
Description
(Max)
Units
ITT
Power supply current from VTT (-2.0 V+0.1V Max -2.1V)
850
mA
ITTL
Power supply current from VTTL (+3.3 V+0.3V Max +3.6V)
250
mA
PD
Power dissipation (Note: Specified with outputs open circuit.)2.7
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com