Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO2302F Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # DO2302F
Description  N-Channel MOSFET uses advanced trench technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

DO2302F Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  DO2302F Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DO2302F Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. DO2302F Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.doingter.cn
—
2 —
DO2302F
Electrical Characteristics:(T
A25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
20
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=16V
---
---
1
μA
IGSS
Gate-Source Leakage Current
VGS=±10V, VDS=0A
---
---
±10
uA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
0.3
0.65
1
V
RDS(ON)
Drain-Source On Resistance
VGS=4.5V,ID=1.8A
---
90
110
mΩ
VGS=2.5V,ID=0.8A
---
115
150
VGS=1.8D=0.3
---
165
215
Dynamic Characteristics
Ciss
Input Capacitance
VDS=16 VGS=0V, f=1MHz
---
79
120
pF
Coss
Output Capacitance
---
13
20
Crss
Reverse Transfer Capacitance
---
9
1
Switching Characteristics
td(on)
Turn-On Delay Time
VDS=10V ,VGEN=4.5V,
RG=10Ω,ID=500mA
---
6.7
---
ns
tr
Rise Time
---
4.8
---
ns
td(off)
Turn-Off Delay Time
---
17.3
---
ns
tf
Fall Time
---
7.4
---
ns
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
2
VGS=0V,IS=0.5A
---
0.7
1.3
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com