Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2375IDDFR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2375IDDFR
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2375IDDFR Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA2375IDDFR Datasheet HTML 25Page - Texas Instruments OPA2375IDDFR Datasheet HTML 26Page - Texas Instruments OPA2375IDDFR Datasheet HTML 27Page - Texas Instruments OPA2375IDDFR Datasheet HTML 28Page - Texas Instruments OPA2375IDDFR Datasheet HTML 29Page - Texas Instruments OPA2375IDDFR Datasheet HTML 30Page - Texas Instruments OPA2375IDDFR Datasheet HTML 31Page - Texas Instruments OPA2375IDDFR Datasheet HTML 32Page - Texas Instruments OPA2375IDDFR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
1
1
1
1
1
1
1
1
1
0.00002%
1
1
1
0.00002%
-1
-21
-31
-41
-51
-61
+1
+21
+31
+41
+51
+61
34.13% 13.59%
34.13%
13.59%
2.145%
2.145% 0.13185%
0.13185%
0.00312%
0.00312%
5 kW
10-mA max
V+
V
IN
V
OUT
I
OVERLOAD
Device
29
OPA375, OPA2375
www.ti.com
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
The OPAx375 family incorporates internal electrostatic discharge (ESD) protection circuits on all pins, as shown
above. These ESD protection diodes also provide in-circuit, input overdrive protection, as long as the current is
limited to 10 mA as stated in the Absolute Maximum Ratings. Figure 83 shows how a series input resistor can be
added to the driven input to limit the input current. The added resistor contributes thermal noise at the amplifier
input and its value should be kept to a minimum in noise-sensitive applications.
Figure 83. Input Current Protection
8.3.6 Typical Specifications and Distributions
Designers often have questions about a typical specification of an amplifier in order to design a more robust
circuit. Due to natural variation in process technology and manufacturing procedures, every specification of an
amplifier will exhibit some amount of deviation from the ideal value, like the input offset voltage of an amplifier.
These deviations often follow Gaussian ("bell curve"), or normal, distributions and circuit designers can leverage
this information to guardband their system, even when there is not a minimum or maximum specification in the
Electrical Characteristics table.
Figure 84. Ideal Gaussian Distribution
Figure 84 shows an example distribution, where µ, or mu, is the mean of the distribution, and where σ, or sigma,
is the standard deviation of a system. For a specification that exhibits this kind of distribution, approximately two-
thirds (68.26%) of all units can be expected to have a value within one standard deviation, or one sigma, of the
mean (from µ–σ to µ+σ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com