Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDDFR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDDFR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2990IDDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA2990IDDFR Datasheet HTML 18Page - Texas Instruments OPA2990IDDFR Datasheet HTML 19Page - Texas Instruments OPA2990IDDFR Datasheet HTML 20Page - Texas Instruments OPA2990IDDFR Datasheet HTML 21Page - Texas Instruments OPA2990IDDFR Datasheet HTML 22Page - Texas Instruments OPA2990IDDFR Datasheet HTML 23Page - Texas Instruments OPA2990IDDFR Datasheet HTML 24Page - Texas Instruments OPA2990IDDFR Datasheet HTML 25Page - Texas Instruments OPA2990IDDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
Frequency (Hz)
30
40
50
60
70
80
90
100
1M
10M
100M
1G
C004
Frequency (Hz)
0
5
10
15
20
1k
10k
100k
1M
10M
C020
VS = 15 V
VS = 2.7 V
Frequency (Hz)
-130
-120
-110
-100
-90
-80
-70
-60
100
1k
10k
100k
1M
10M
C014
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-100
-80
-60
-40
-20
0
20
40
60
80
100
D038
Sourcing
Sinking
Time (2µs/div)
C021
Input
Output
22
OPA990, OPA2990, OPA4990
SBOS933F – FEBRUARY 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: OPA990 OPA2990 OPA4990
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
CL = 20 pF, G = –1
Figure 43. Large-Signal Step Response
Figure 44. Short-Circuit Current vs Temperature
Figure 45. Maximum Output Voltage vs Frequency
Figure 46. Channel Separation vs Frequency
Figure 47. EMIRR (Electromagnetic Interference Rejection Ratio) vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com