Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP6.0 Datasheet(PDF) 4 Page - Formosa MS

Part # 3KP6.0
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

3KP6.0 Datasheet(HTML) 4 Page - Formosa MS

  3KP6.0 Datasheet HTML 1Page - Formosa MS 3KP6.0 Datasheet HTML 2Page - Formosa MS 3KP6.0 Datasheet HTML 3Page - Formosa MS 3KP6.0 Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
DATE : DEC.05.2002
100
10
1.0
0.1
0.1US
1.0ms
10ms
td
SEC
,PULSE WIDTH,
FIGURE 1-PEAK PULSE
POWER VS PULSE TIME
100
75
50
25
0
125
150
175
200
25
50
75
100
0
1.0US
10US
100US
TA
, AMBIENT TEMPERATUER, C
FIGURE2 DERATING CURVE
1.0
2.0
10
100
200
V(
), BREAKDOWN VOLTAGE, VOLTS
BR
FIGURE 4
TYPICAL CAPACITANCE
VS STAND- OFF VOLTAGE
Tj=25 C
f=1.0MHZ
Vsig=50mVp-p
Measured at
Stand- Off
Voltahe(V
)
MW
1
Tj=Tj max
8.3ms SINGLE HALF since-WAVE
JEDEC METHOD
Measured at
Zero Bias
10
5
50
100
t, TIME,ms
FIGURE 3-PULSE WAVEFORM
01.0
2.0
3.0
4.0
0
50
100
150
TA=25 C
PulseWidth(td)isDefined
as the Point Where the Peak
Current Decays to 50% of Ipp
tf=10 u sec
10/1000 u sec Waveform
as Defined bye R.E.A.
Peak Value
Ippm
Half Value-Ipp
2
e-kt
td
T , LEAD TEMPERATURE, C
L
FIG.5-STEADY STATE POWER DERATING
CURVE
125
150
175
200
25
50
75
100
0
0
=375"(9.5mm)
20mm 20mm 1mm
(0.8" 0.8" 0.40")
6.0
8.0
4.0
2.0
20,000
10,000
1,000
100
10
400
20
300
250
200
150
100
50
0
2
20
Non-Repetitve
Pulse Wavefom
Shown in Flgure3
TA=25 C
NUMBER OF CYCLESAT60Hz
FIG.6-MAXIMUM NON-REPETITEVE
PEAK FORWARD SURGE CURRENT
UNIDIRECTIONAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com