Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99W Datasheet(PDF) 1 Page - Formosa MS

Part # BAV99W
Description  Dual Series Switching Diode - Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BAV99W Datasheet(HTML) 1 Page - Formosa MS

  BAV99W Datasheet HTML 1Page - Formosa MS BAV99W Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Series Switching Diode
BAL99W
BAW56W
BAV70W
BAV99W
Silicon epitaxial planar type
Features
Small surface mounting type
High reliability
High speed ( trr < 1.5 ns )
Mechanical data
Case : SOT-323
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Mounting Position : Any
MAXIMUM RATINGS (AT T A=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Repetitive peak reverse voltage
VRRM
70
V
Reverse voltage
VR
70
V
Peak forward surge current
tp = 1 us
IFSM
2.0
A
Repetitive peak forward current
IFRM
450
mA
Forward current
IF
215
mA
Average forward current
VR = 0
IFAV
715
mA
Power dissipation
PD
225
mW
Junction temperature
Tj
175
o C
Storage temperature
TSTG
-55
+150
o C
Formosa MS
SOT-323
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (AT T A=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
IF = 10mA
VF
0.855
V
IF = 150mA
VF
1.250
V
VR = 70V
IR
2.5
uA
VR = 20V , Tj = 150
o C
IR
30
uA
VR = 70V , Tj = 150
o C
IR
50
uA
Breakdown current
IR = 100uA , TP /T = 0.01 TP = 0.3ms
V(BR)
70
V
Diode capacitance
VR = 0 , f = 1MHz , VHF = 50mV
CD
1.5
pF
Reverse recovery time
IF =10mA, VR = 10mA, IRR = 0.1 X IR , RL =100OHM
trr
6
ns
Forward voltage
Reverse current
0.031 (0.80)
0.043 (1.10)
R 0.05
(0.002)
0.055 (1.40)
0.047 (1.20)
0.089 (2.30)
0.079 (2.00)
0.017 (0.43)
MIN
(A)
(B)
(C)
SINGLE(Alt)
COMMON ANODE COMMON CATHODE
BAL99W
BAW56W
BAV70W
SERIES
BAV99W
0.0010 (0.25)
0.0004 (0.10)


Similar Part No. - BAV99W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99W PANJIT-BAV99W Datasheet
111Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99W PHILIPS-BAV99W Datasheet
58Kb / 12P
High-speed double diode
1999 May 11
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV99W WTE-BAV99W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV99W SIEMENS-BAV99W Datasheet
71Kb / 4P
Silicon Switching Diode Array (Connected in series For high speed switching applications)
More results

Similar Description - BAV99W

ManufacturerPart #DatasheetDescription
logo
Formosa MS
1N914 FORMOSA-1N914 Datasheet
71Kb / 2P
Switching Diode - Silicon epitaxial planar type
BAL99 FORMOSA-BAL99 Datasheet
100Kb / 2P
Dual Series Switching Diode - Silicon epitaxial planar type
BAS16 FORMOSA-BAS16 Datasheet
71Kb / 2P
Switching Diode - Silicon epitaxial planar type
MCL4448 FORMOSA-MCL4448 Datasheet
70Kb / 2P
Switching Diode - Silicon epitaxial planar type
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com