Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C930 Datasheet(PDF) 109 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 109 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 105Page - Advanced Micro Devices AM79C930 Datasheet HTML 106Page - Advanced Micro Devices AM79C930 Datasheet HTML 107Page - Advanced Micro Devices AM79C930 Datasheet HTML 108Page - Advanced Micro Devices AM79C930 Datasheet HTML 109Page - Advanced Micro Devices AM79C930 Datasheet HTML 110Page - Advanced Micro Devices AM79C930 Datasheet HTML 111Page - Advanced Micro Devices AM79C930 Datasheet HTML 112Page - Advanced Micro Devices AM79C930 Datasheet HTML 113Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 161 page
background image
P R E L I M I N A R Y
AMD
109
Am79C930
In addition, the USER5/IRQ4 pin may be used to produce interrupts
to the 80188 embedded controller. This capability is controlled by
the ENXCHBSY bit of TCR28 and the CHBSYCU bit of TIR5 and
operates independently of the bits mentioned above.
The control of the function of the USER5/IRQ4 pin is described in
the
Multi-Function Pin section.
4–3
U1INTCNT
00b
USER1 Interrupt control bits. The USER1/IRQ12 pin can be used
to signal an interrupt to the 80188 embedded controller. The
U1INTCNT bits have the following interpretation and operate inde-
pendently of the operating mode of the Am79C930 device (i.e.,
the U1INTCNT bits operate in both PCMCIA and ISA Plug and
Play modes.):
U1INT Bit
U1INTCNT
USER1 Pin
(TCR11[3])
TCR7[4:3]
Event
Result
00
X
0 => interrupt
disabled
01
rising edge
1 => interrupt
signaled
10
falling edge
1 => interrupt
signaled
11
rising or
1 => interrupt
falling edge
signaled
Note that the USER1 pin function has no effect on the use of the
USER1/IRQ12
pin
as
an
interrupt
signaling
pin.
If
the
USER1/IRQ12 pin is to be used as a 80188 controller interrupt
source in the ISA Plug and Play mode, then it is imperative that the
ISA Plug and Play resource data structure loaded into the accom-
panying flash device as part of the Am79C930 device based design
should not include IRQ12 as a choice of IRQ level for possible se-
lection by the ISA Plug and Play configuration software. When this
procedure is followed, then the system designer can be assured
that the IRQ12 function will not be used by the Am79C930 device,
and therefore, the USER1/IRQ12 pin will remain in the high-imped-
ance state and will be available for connection to an interrupt gener-
ating source in the design.
2
TXCMDT
0
TXCMD Data. The value written to the TXCMDT bit is used in some
modes to determine the output value of the TXCMD/LA21 pin.
Reads from TXCMDT always return the current value of the
TXCMD/LA21 pin.
The control of the function of the TXCMD/LA21 pin is described in
the
Multi-Function Pin section.
1
ANTSLTLD
1
ANTSLTL Data. The value that is written to this bit will be driven out
to the
ANTSLT pin of the Am79C930 device when the ANTSLTLFN
bit of TCR30 has been set to a 1 and the ANTSLTLEN bit of TCR15
has also been set to a 1 and the PCMCIA pin is set to 1. The value
that is read from this bit represents the current value of the
ANTSLT
pin of the Am79C930 device.
A complete description of the control of the function of the
ANTSLT
pin is described in the
Multi-Function Pin section.
0
TXDATALD
1
TXDATAL Data. The value that is written to this bit will be driven out
to the
TXDATA pin of the Am79C930 device when the TXDATALFN
bit of TCR30 has been set to a 1 and the TXDATALEN bit of TCR15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com