Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C930 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 12Page - Advanced Micro Devices AM79C930 Datasheet HTML 13Page - Advanced Micro Devices AM79C930 Datasheet HTML 14Page - Advanced Micro Devices AM79C930 Datasheet HTML 15Page - Advanced Micro Devices AM79C930 Datasheet HTML 16Page - Advanced Micro Devices AM79C930 Datasheet HTML 17Page - Advanced Micro Devices AM79C930 Datasheet HTML 18Page - Advanced Micro Devices AM79C930 Datasheet HTML 19Page - Advanced Micro Devices AM79C930 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 161 page
background image
16
Am79C930
PRELIMINARY
PCMCIA PIN FUNCTION SUMMARY
PCMCIA Pin Summary
No. of
Pins
Pin Name
Pin Function
Pin Style
15
A14–A0
PCMCIA address bus lines
I
8
D7–D0
PCMCIA data bus lines
TS2
1
RESET
PCMCIA bus RESET line
I
1
CE1
Card Enable 1—used to enable the D7–0 pins for PCMCIA Read and Write
accesses
I
1
OE
Output Enable—used to enable the output drivers of the Am79C930 device for
PCMCIA Read accesses
I
1
WE
Write Enable—used to indicate that the current PCMCIA cycle is a write access
I
1
REG
REG—used to indicate that the current PCMCIA cycle is to the Attribute
Memory space of the Am79C930 device
I
1
INPACK
Input Acknowledge—used to indicate that the Am79C930 device will respond
to the current I/O read cycle
TS1
1
WAIT
Wait—used to delay the termination of the current PCMCIA cycle
TS2
1
IORD
I/O Read—this signal is asserted by the PCMCIA host system whenever an
I/O read operation occurs
1
IOWR
I/O Write—this signal is asserted by the PCMCIA host system whenever an
I/O write operation occurs
I
1
IREQ
Interrupt Request—this line is asserted when the Am79C930 device needs
servicing from the software
PTS3
1
STSCHG
Status Change—PCMCIA output used only for WAKEUP signaling
PTS1
1
PCMCIA
PCMCIA mode—selects PCMCIA or ISA Plug and Play mode
I
1
PWRDWN
Powerdown—indicates that device is in the power down mode
TP1
17
MA16–0
Memory Address Bus—these lines are used to address locations in the Flash
device, the SRAM device, and an extra peripheral device that are contained
within an Am79C930-based design
TP1
8
MD7–0
Memory Data Bus—these lines are used to write and read data to/from Flash,
SRAM, and/or an extra peripheral device within an Am79C930-based design
TS1
1
FCE
Flash Chip Enable—this signal becomes asserted when the Flash device has
been addressed by either the 80188 core of the Am79C930 device or by the
software through the PCMCIA interface
TP1
1
SCE
SRAM Chip Enable—this signal becomes asserted when the SRAM device
has been addressed by either the 80188 core of the Am79C930 device or by
the software through the PCMCIA interface
TP1
1
XCE
eXtra Chip Enable—this signal becomes asserted when the extra peripheral
device has been addressed by the 80188 core of the Am79C930 device (XCE
is not accessible through the system interface)
TP1
1
MOE
Memory Output Enable—this signal becomes asserted during reads of devices
located on the memory interface bus
TP1
1
MWE
Memory Write Enable—this signal becomes asserted during writes to devices
located on the memory interface bus
TP1
1
TCK
Test Clock—this is the clock signal for IEEE 1149.1 testing
I
1
TDI
Test Data In—this is the data input signal for IEEE 1149.1 testing
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com