Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C930 Datasheet(PDF) 139 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 139 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 135Page - Advanced Micro Devices AM79C930 Datasheet HTML 136Page - Advanced Micro Devices AM79C930 Datasheet HTML 137Page - Advanced Micro Devices AM79C930 Datasheet HTML 138Page - Advanced Micro Devices AM79C930 Datasheet HTML 139Page - Advanced Micro Devices AM79C930 Datasheet HTML 140Page - Advanced Micro Devices AM79C930 Datasheet HTML 141Page - Advanced Micro Devices AM79C930 Datasheet HTML 142Page - Advanced Micro Devices AM79C930 Datasheet HTML 143Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 161 page
background image
P R E L I M I N A R Y
AMD
139
Am79C930
AC CHARACTERISTICS
3.3 V MEMORY BUS INTERFACE
ABSOLUTE MAXIMUM RATINGS
Storage Temperature:
–65 to +150
°C
. . . . . . . . . . . .
Ambient Temperature Under Bias:
–65 to +125
°C
. . .
Supply Voltage to AVSS
or DVSS (AVDD, DVDD):
–0.3 to +6 V
. . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to Absolute
Maximum
Ratings
for
extended
periods
may
affect
device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA)0
°C to + 70°C
. . . . . . . . . . . . . . . . .
Supply Voltages (VCC,VDDT, VDDU1, VDDU2, VDDM, VDDP)
3.0 V to 5.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltages
(AVDD, VDD5)
+5 V
± 5%
. . . . . . . . . . . . . . . . . . . . . . . .
All inputs within the range: VSS – 0.5 V
≤ V
IN
≤ V
DD
+ 0.1 X
VDD – where VSS and VDD are appropriate reference pins
for a given input pin. (See section on power supply
pin descriptions.)
CL = 50 pF unless otherwise noted
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
MEMORY BUS READ ACCESS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
tmAD
MA[16:0] valid from CLKIN
↓
2
100
ns
tmCD
CE active delay from CLKIN
↓
Note 1
2
100
ns
tmOD
MOE active delay from CLKIN
↓
2
100
ns
tmOLZ
MOE
↓ to MD[7:0] driven
0 wait states
0
70
ns
(Note 3)
1 wait state
170
ns
2 wait states
270
ns
tmAA
Address Read Access Time
0 wait states
120
ns
(Note 3)
1 wait state
220
ns
2 wait states
320
ns
tmACS
CE Read Access Time
0 wait states
120
ns
(Notes 1, 3)
1 wait state
220
ns
2 wait states
320
ns
tmOE
MOE Read Access Time
0 wait states
70
ns
(Note 3)
1 wait state
170
ns
2 wait states
270
ns
tmRI
CE Inactive Time
Notes 1, 2
0
ns
tmAH
MA[16:0] valid hold from
MOE
↑
Note 1
TCLKIN-10
ns
tmCH
CE valid hold from MOE
↑
TCLKIN-10
ns
tmH
MD[7:0] valid hold from
MOE
↑
Note 2
0
ns
tmHZ
MD[7:0] inactive from
MOE
↑
Note 2
0
2 X TCLKIN-15
ns
Notes:
1.
CE = one of: FCE, SCE, XCE
2. Parameter not included in the production test.
3. Value is dependent upon TCLKIN value. Value given is for CLKIN = 20 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com