Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4148WS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD4148WS
Description  Small-Signal Chip Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD4148WS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD4148WS Datasheet HTML 1Page - List of Unclassifed Manufacturers CD4148WS Datasheet HTML 2Page - List of Unclassifed Manufacturers CD4148WS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CD4148WT
Crownpo Technology
www.crownpo.com
01-Dec-03
Document No. 32002
Electrical Characteristics Tamb = 25 -C, unless otherwise specified
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Max
Forward voltage
IF = 10 mA
VF
1.0
V
Leakage current
VR = 20 V
25
nA
VR = 75 V
IR
5.0
eA
VR = 20 V, TJ = 150
-C50
eA
Capacitance
VF = VR = 0 V
4
pF
Reverse recovery time
IF = 10 mA to IR = 1mA,
VR = 6 V, RL = 100 q
trr
4ns
Rectification efficiency
f = 100 MHz, VRF = 2 V
0.45
Unit
Parameter
Symbol
Min
Figure 1. Forward Characteristics
Figure 2. Dynamic Forward Resistance
vs. Forward Current
Voltage rise when switching ON tested with 50 mA pulses,
tp = 0.1 es, rise time < 30 ns,
fp = (5 to 100) kHz
Vfr
2.5
ns
Ctot
Rectification Efficiency Measurement Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com