Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8605 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8605
Description  12-Bit Sampling A/D Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8605 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8605 Datasheet HTML 1Page - Sipex Corporation SP8605 Datasheet HTML 2Page - Sipex Corporation SP8605 Datasheet HTML 3Page - Sipex Corporation SP8605 Datasheet HTML 4Page - Sipex Corporation SP8605 Datasheet HTML 5Page - Sipex Corporation SP8605 Datasheet HTML 6Page - Sipex Corporation SP8605 Datasheet HTML 7Page - Sipex Corporation SP8605 Datasheet HTML 8Page - Sipex Corporation SP8605 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
80
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device
at these or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
S to Digital Common ............................................................... +7V
Pin 26 (V
SO) to Pin 27 (VSA) .................................................... ±0.3V
Analog Common to Digital Common ......................................
±0.3V
Control Inputs to Digital Common ....................... –0.3 to V
S + 0.3 V
Analog Input Voltage ................................................... –3.0/+16.5V
Maximum Junction Temperature ........................................... 160
°C
Internal Power Dissipation .................................................. 750mW
Lead Temperature (soldering, 10s) ..................................... +300
°C
Thermal Resistance. Ø
JA:
Plastic DIP ....................................................................... 50
°C/W
SOIC .............................................................................. 100
°C/W
SPECIFICATIONS
(T
A = 25°C; Sampling Frequency, FS, = 333kHz for SP8603, 200kHz for SP8605, 100kHz for SP8610, VS = +5V, unless otherwise specified.)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
ANALOG INPUT
Voltage Ranges
0V to +5V, 0V to +10V
V
Unipolar
Impedance
0 to +10V Range
5.4
7.7
10.0
k
Ω
T
MIN ≤ TA ≤ TMAX
0 to +5V Range
3.9
5.6
7.3
k
Ω
T
MIN ≤ TA ≤ TMAX
DC PERFORMANCE
Full Scale Error
Externally adjustable to zero;
–K
±0.1
±0.50
%FSR
T
MIN ≤ TA ≤ TMAX
Integral Linearity Error
Note 1
–K
±0.35
±0.75
LSB
Differential Linearity Error
–K
±0.35
±0.95
LSB
No Missing Codes
Guaranteed
Unipolar Zero
Externally adjustable to zero
–K
±1
±5
LSB
T
MIN ≤ TA ≤ TMAX
INTERNAL REFERENCE
Voltage Output
1.1440
1.2043
1.2645
V
Output Source Current
100
µA
Output Resistance
280
Ω
AC PERFORMANCE
T
MIN ≤ TA ≤ TMAX
SP8603
Conversion Time
2.6
µs
Complete Cycle
3.0
µs
Throughput Rate
333
kHz
Spurious-Free Dynamic Range
Note 2
@ 49kHz
85
dB
@ 161kHz
72
dB
Total Harmonic Distortion
Note 2
@ 49kHz
–81
dB
@ 161kHz
–71
dB
Signal to Noise Ratio (SNR)
Note 2
@ 49kHz
72
dB
@ 161kHz
72
dB
Signal to (Noise + Distortion) Ratio
Note 2
@ 49kHz
71
dB
@ 161kHz
68
dB
SP8605
Conversion Time
4.5
µs
Complete Cycle
5.0
µs
Throughput Rate
200
kHz
Spurious-Free Dynamic Range
Note 2
@ 49kHz
85
dB
@ 97kHz
77
dB
Total Harmonic Distortion
Note 2
@ 49kHz
–81
dB
@ 97kHz
–76
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com