Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803922 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0803922
Description  IPC 16/ 4-GU-10,16
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803922 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0803922 Datasheet HTML 1Page - PHOENIX CONTACT 0803922 Datasheet HTML 2Page - PHOENIX CONTACT 0803922 Datasheet HTML 3Page - PHOENIX CONTACT 0803922 Datasheet HTML 4Page - PHOENIX CONTACT 0803922 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IPC 16/ 4-GU-10,16 Order No.: 1969878
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1969878
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Feb 7, 2011
Accessories
Item
Designation
Description
General
1970016
CS-IPC 16/ 6
Coding pin, serves to ensure correct polarization on the PCB
during manual mounting
Marking
0805179
SK 10/5:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 10 identical marker strips per card, max.
25-position labeling per strip, color: White
0803922
SK U/5,0 WH:UNBEDRUCKT
Kennzeichnungskarten unbedruckt, DIN A4-Format, freie
Rastereinteilung, selbstklebend, mit 35 vorgestanzten
Kennzeichnungsstreifen, 185 mm Streifenlänge, beschriftbar mit
dem CMS-System oder manuell mit dem B-STIFT oder X-PEN
Plug/Adapter
1600027
CP-HCC 4
Coding profile, Color: red
Diagrams/Drawings
Drilling plan/solder pad geometry
The illustration shows the 3-pos. version



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com