| Electronic Components Datasheet Search |
|
TMS320VC5501 Datasheet(PDF) 80 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5501 Datasheet(HTML) 80 Page - Texas Instruments |
|
80 / 197 page ![]() Functional Overview 80 December 2002 − Revised November 2008 SPRS206K 3.10.3 Module Behavior at Entering IDLE State All transactions must be completed before entering the IDLE state. Table 3−24 lists the behavior of each module before entering the IDLE state. Table 3−24. Peripheral Behavior at Entering IDLE State CLOCK DOMAIN MODULES MODULE BEHAVIOR AT ENTERING IDLE STATE (ASSUMING THE IDLE CONTROL IS SET) CPU Enter IDLE after CPU stops pipeline. CPU Interrupt Controller Enter IDLE after CPU stops. CPU IDLE Controller Enter IDLE after CPU stops. PLL Controller Enter IDLE after CPU stops. Master Port DMA Enter IDLE state after current DMA transfer to internal memory, EMIF, or peripheral, or enter IDLE state immediately if no transfer exists. DMA has function of Auto-wakeup/Idle with McBSP data transfer during IDLE. HPI Enter IDLE state immediately. Software has to take care of HPI activity. ICACHE ICACHE Enter IDLE state after current data transfer from EMIF or program fetch from CPU finishes, or enter IDLE state immediately if no transfer and no access exist. External Bus Selection Register Enter IDLE after CPU stops. Timer Signal Selection Register Enter IDLE after CPU stops. CLKOUT Selection Register Enter IDLE after CPU stops. External Bus Control Register Enter IDLE after CPU stops. Clock Mode Control Register Enter IDLE after CPU stops. Timer0/1 and WDT Enter IDLE state immediately DSP/BIOS Timer Enter IDLE state immediately Peripheral McBSP0/1 External Clock and Frame: Enter IDLE state after current McBSP activity is finished or enter IDLE state immediately if no activity exists. McBSP has function of Auto-wakeup/Idle with DMA transfer during IDLE. Internal Clock and Frame: Enter IDLE state immediately if both transmitter and receiver are in reset (XRST = 0 and RRST = 0). IDLE state not entered otherwise. GPIO Enter IDLE state immediately. I2C Enter IDLE state after current I2C activity is finished or enter IDLE state immediately if no activity exists. UART Enter IDLE state after current UART activity is finished or enter IDLE state immediately if no activity exists. Parallel GPIO Enter IDLE state immediately. PLL divider Enter IDLE state immediately. Clock Generator PLL core Power-down state if set by software before IDLE Clock Generator Oscillator Power-down state if set by software before IDLE EMIF EMIF Enter IDLE mode after current DMA transfer or enter IDLE mode immediately if no activity exists. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |