Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3J36FS Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # SSM3J36FS
Description  P-Channel 20 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSM3J36FS Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  SSM3J36FS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Charge
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0
2
4
6
8
0
0.45
0.9
1.35
1.8
Q
g -Total Gate Charge (nC)
V
DS = 16 V
V
DS = 10 V
I
D = 0.4 A
V
DS = 5 V
0.1
1
10
0.0
0.3
0.6
0.9
1.2
1.5
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
0.3
0.4
0.5
0.6
0.7
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
ID = 250 μA
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 0.35 A
V
GS = 4.5 V
V
GS = 2.5 V
0.4
0.6
0.8
1.0
1.2
12345678
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
I
D = 0.35 A
T
J = 25 °C
0
2
4
6
8
10
0.001
0.01
0.1
1
10
Time (s)
SSM3J36FS
4
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com