Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL331BIDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL331BIDBVR
Description  TL331B, TL391B and TL331 Single Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331BIDBVR Datasheet(HTML) 1 Page - Texas Instruments

  TL331BIDBVR Datasheet HTML 1Page - Texas Instruments TL331BIDBVR Datasheet HTML 2Page - Texas Instruments TL331BIDBVR Datasheet HTML 3Page - Texas Instruments TL331BIDBVR Datasheet HTML 4Page - Texas Instruments TL331BIDBVR Datasheet HTML 5Page - Texas Instruments TL331BIDBVR Datasheet HTML 6Page - Texas Instruments TL331BIDBVR Datasheet HTML 7Page - Texas Instruments TL331BIDBVR Datasheet HTML 8Page - Texas Instruments TL331BIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TL331, TL331B, TL391B
SLVS238H – AUGUST 1999 – REVISED MAY 2020
TL331B, TL391B and TL331 Single Comparators
1
1 Features
1
•
NEW TL331B and TL391B
•
Improved specifications of B-version
–
Maximum rating: up to 38 V
–
ESD rating (HBM): 2k V
–
Improved reverse voltage performance
–
Low input offset: 0.37 mV
–
Low input bias current: 3.5 nA
–
Low supply-current: 430 µA
–
Faster response time of 1 µsec
–
TL391B provides an alternate pinout
•
TL331B is improved drop-in replacement for
TL331
•
Common-mode input voltage range includes
ground
•
Differential input voltage range equal to maximum-
rated supply voltage: ±38 V
•
Low output saturation voltage
•
Output compatible with TTL, MOS, and CMOS
2 Applications
•
Vacuum robot
•
Single phase UPS
•
Server PSU
•
Cordless power tool
•
Wireless infrastructure
•
Appliances
•
Building automation
•
Factory automation & control
•
Motor drives
•
Infotainment & cluster
3 Description
The TL331B and TL391B devices are the next
generation versions of the industry-standard TL331
comparator. These next generation devices provide
outstanding value for cost-sensitive applications, with
features including lower offset voltage, higher supply
voltage capability, lower supply current, lower input
bias
current,
lower
propagation
delay,
wider
temperature
range
and
improved
2kV
ESD
performance and improved negative input voltage
handling with drop-in replacement convenience. The
TL331B is a drop-in improved replacement for both
the TL331I and TL331K versions, while the TL391B
provides an alternate pinout of the TL331B to replace
competitive devices.
Operation from dual supplies also is possible as long
as the difference between the two supplies is within 2
V to 36 V, and VCC is at least 1.5 V more positive
than the input common-mode voltage. Current drain
is independent of the supply voltage. The outputs can
be connected to other open-collector outputs to
achieve wired-AND relationships.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TL331,
TL331B (Preview),
TL391B (Preview)
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Family Comparison Table
Specification
TL331B,
TL391B
TL331I
TL331K
Units
Supply Votlage
3 to 36
2 to 30
2 to 30
V
Total Supply Current (5V to 36V max)
0.43
0.7
0.7
mA
Temperature Range
−40 to 125
-40 to 85
-40 to 105
°C
ESD (HBM)
2000
1000
1000
V
Offset Voltage (Max over temp)
± 4
± 9
± 9
mV
Input Bias Current (typ / max)
3.5 / 25
25 / 250
25 / 250
nA
Response Time (typ)
1
1.3
1.3
µsec


Similar Part No. - TL331BIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331BIDBVR TI2-TL331BIDBVR Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
TL331BIDBVR TI2-TL331BIDBVR Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
TL331BIDBVR.B TI2-TL331BIDBVR.B Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
TL331BIDBVR.B TI2-TL331BIDBVR.B Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
TL331BIDBVRG4 TI2-TL331BIDBVRG4 Datasheet
1Mb / 27P
TL331B, TL391B and TL331 Single Comparators
REVISED NOVEMBER 2024
More results

Similar Description - TL331BIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
SINGLE DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM211 ONSEMI-LM211_05 Datasheet
121Kb / 10P
Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
SINGLE DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
Single Comparators
August, 2012 ??Rev. 6
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
Single-Supply Comparators
12/2016-Rev. A to Rev. B
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
SINGLE DIFFERENTIAL COMPARATORS
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com