Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WNM2021 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # WNM2021
Description  N-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

WNM2021 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  WNM2021 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd WNM2021 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd WNM2021 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd WNM2021 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd WNM2021 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd WNM2021 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd WNM2021 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd WNM2021 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd WNM2021 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Normalized On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
V
GS = 4.5 V; ID = 3.7 A
V
GS = 10 V; ID = 3.7 A
V
GS = 2.5 V; ID = 1.5 A
0
0.02
0.04
0.06
0.08
0.10
0.0
2.0
4.0
6.0
8.0
10.0
V
GS - Gate-to-Source Voltage (V)
I
D = 3.7 A
T
J = 125 °C
T
J = 25 °C
0
5
10
15
20
25
30
Time (s)
10
1000
0.1
0.01
0.001
100
1
Source-Drain Diode Forward Voltage
Threshold Voltage
Safe Operating Area, Junction-to-Ambient
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
I
D = 250 μA
0.01
0.1
1
10
100
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
10 s
100 ms
Limited by R
DS(on)*
1 ms
T
Single Pulse
A = 25 °C
BVDSS Limited
10 ms
100 μs
1 s
DC
WNM2021
4
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com