Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE40-VMW6TG Datasheet(PDF) 9 Page - STMicroelectronics

Part # M45PE40-VMW6TG
Description  4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE40-VMW6TG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M45PE40-VMW6TG Datasheet HTML 5Page - STMicroelectronics M45PE40-VMW6TG Datasheet HTML 6Page - STMicroelectronics M45PE40-VMW6TG Datasheet HTML 7Page - STMicroelectronics M45PE40-VMW6TG Datasheet HTML 8Page - STMicroelectronics M45PE40-VMW6TG Datasheet HTML 9Page - STMicroelectronics M45PE40-VMW6TG Datasheet HTML 10Page - STMicroelectronics M45PE40-VMW6TG Datasheet HTML 11Page - STMicroelectronics M45PE40-VMW6TG Datasheet HTML 12Page - STMicroelectronics M45PE40-VMW6TG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9/35
M45PE40
MEMORY ORGANIZATION
The memory is organized as:
■
2048 pages (256 bytes each).
■
524288 bytes (8 bits each)
■
8 sectors (512 Kbits, 65536 bytes each)
Each page can be individually:
–
programmed (bits are programmed from 1 to
0)
–
erased (bits are erased from 0 to 1)
–
written (bits are changed to either 0 or 1)
The device is Page or Sector Erasable (bits are
erased from 0 to 1).
Table 3. Memory Organization
Sector
Address Range
7
70000h
7FFFFh
6
60000h
6FFFFh
5
50000h
5FFFFh
4
40000h
4FFFFh
3
30000h
3FFFFh
2
20000h
2FFFFh
1
10000h
1FFFFh
0
00000h
0FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com