Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL34 Datasheet(PDF) 1 Page - Formosa MS

Part # GL34
Description  Case No. MINI-MELF Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GL34 Datasheet(HTML) 1 Page - Formosa MS

  GL34 Datasheet HTML 1Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Case No. MINI-MELF Device
Formosa MS
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
Direction
of Feed
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Material : Card board
0.5
2
0.5
2.0
1.0
9
0.2 0.1
2
0.1
1.4
Index hole
0.1
4.0
1.5
0.1
4.0
2
Material : Plastics
Case No.
Order code
Taping
Dimensions
Reel
Standard
Package
Leader
and
Trailer
Quantity
Quantity
360
360
Material : Corrugated card board
Standard capacity : 2,500pcs / reel
Standard capacity : 100,000pcs / carton
(40 reels / carton)
Dimensions
Dimensions
MINI-MELF
GL34


Similar Part No. - GL34

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34 DCCOM-GL34 Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
GL34 FORMOSA-GL34 Datasheet
66Kb / 2P
Silicon passivated type
logo
PACELEADER INDUSTRIAL
GL341A PACELEADER-GL341A Datasheet
383Kb / 2P
STANDARD RECOVERY RECTIFIERS
GL341B PACELEADER-GL341B Datasheet
383Kb / 2P
STANDARD RECOVERY RECTIFIERS
GL341D PACELEADER-GL341D Datasheet
383Kb / 2P
STANDARD RECOVERY RECTIFIERS
More results

Similar Description - GL34

ManufacturerPart #DatasheetDescription
logo
Formosa MS
0805 FORMOSA-0805 Datasheet
61Kb / 1P
Case No. 0805 Device
DFS FORMOSA-DFS Datasheet
52Kb / 1P
Case No. DFS Device
MELF FORMOSA-MELF Datasheet
52Kb / 1P
Case No. MELF Device
MINI-SMA FORMOSA-MINI-SMA Datasheet
52Kb / 1P
Case No. MINI-SMA Device
SMA FORMOSA-SMA Datasheet
61Kb / 1P
Case No. SMA Device
SMC FORMOSA-SMC Datasheet
52Kb / 1P
Case No. SMC Device
TO-269AA FORMOSA-TO-269AA Datasheet
52Kb / 1P
Case No. TO-269AA Device
logo
Welwyn Components Limit...
WRM WELWYN-WRM Datasheet
705Kb / 3P
Mini Melf Resistors
logo
WILLAS ELECTRONIC CORP
MM4148 WILLAS-MM4148 Datasheet
374Kb / 3P
Mini Melf Switching diode
MM4148 WILLAS-MM4148 Datasheet
374Kb / 3P
Mini Melf Switching diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com