Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z12VT1 Datasheet(PDF) 4 Page - Formosa MS

Part # MM3Z12VT1
Description  Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MM3Z12VT1 Datasheet(HTML) 4 Page - Formosa MS

  MM3Z12VT1 Datasheet HTML 1Page - Formosa MS MM3Z12VT1 Datasheet HTML 2Page - Formosa MS MM3Z12VT1 Datasheet HTML 3Page - Formosa MS MM3Z12VT1 Datasheet HTML 4Page - Formosa MS MM3Z12VT1 Datasheet HTML 5Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Characteristics
80
V Z, NOMINAL ZE NE R VOLTAG E
Figure 1. Effect of Zener Voltage on
Zener Impedance
10
3.0
1000
100
10
1.0
T J = 25 C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
V F, FOR WAR D VOLTAG E (V)
Figure 2. Typical Forward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1.0
150 C
75 C
25 C
0 C
70
V Z, NOMINAL ZE NE R VOLTAG E (V)
Figure 3. Typical Capacitance
1000
100
10
1.0
10
4.0
B IAS AT
50% OF V Z NOM
TA = 25 C
0 V B IAS
1 V B IAS
V Z, NOMINAL ZE NE R VOLTAG E (V)
Figure 4. Typical Leakage Current
1000
100
10
1.0
0.1
0.01
0.001
0.0001
0.00001
70
60
50
40
30
20
10
0
+150 C
+25 C
-5 5 C
MM3Z Series
~ 4 ~
Formosa MS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com