Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2320 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC2320
Description  N-Channel and P-Channel Enhancement-Mode Dual MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2320 Datasheet(HTML) 2 Page - Microchip Technology

  TC2320 Datasheet HTML 1Page - Microchip Technology TC2320 Datasheet HTML 2Page - Microchip Technology TC2320 Datasheet HTML 3Page - Microchip Technology TC2320 Datasheet HTML 4Page - Microchip Technology TC2320 Datasheet HTML 5Page - Microchip Technology TC2320 Datasheet HTML 6Page - Microchip Technology TC2320 Datasheet HTML 7Page - Microchip Technology TC2320 Datasheet HTML 8Page - Microchip Technology TC2320 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC2320
DS20005708A-page 2
 2017 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Drain-to-source Voltage........................................................................................................................................ BVDSS
Drain-to-gate Voltage ........................................................................................................................................... BVDGS
Gate-to-source Voltage .......................................................................................................................................... ±20V
Operating Ambient Temperature, TA ................................................................................................... –55°C to +150°C
Storage Temperature, TS ..................................................................................................................... –55°C to +150°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
N-CHANNEL DC AND AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = TJ = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
DC PARAMETER (Note 1)
Drain-to-source Breakdown Voltage
BVDSS
200
—
—
V
VGS = 0V, ID = 100 µA
Gate Threshold Voltage
VGS(th)
0.6
—
2
V
VGS = VDS, ID = 1 mA
Change in VGS(th) with Temperature
∆VGS(th)
—
—
–4.5
mV/°C VGS = VDS, ID = 1 mA (Note 2)
Gate Body Leakage Current
IGSS
—
—
100
nA
VGS = ±20V, VDS = 0V
Zero-gate Voltage Drain Current
IDSS
—
—
1
µA
VGS = 0V, VDS = 100V
—
—
10
µA
VGS = 0V, VDS = Maximum rating
—
—
1
mA
VGS = 0V, TA = 125°C,
VDS = 0.8 Maximum rating
(Note 2)
On-state Drain Current
ID(ON)
0.6
—
—
A
VGS = 4.5V, VDS = 25V
1.2
—
—
VGS = 10V, VDS = 25V
Static Drain-to-Source On-state
Resistance
RDS(ON)
—
—
8
Ω
VGS = 4.5V, ID = 150 mA
—
—
7
VGS = 10V, ID = 1A
Change in RDS(ON) with
Temperature
∆RDS(ON)
—
—
1
%/°C
VGS = 4.5V, ID = 150 mA (Note 2)
AC PARAMETER (Note 2)
Forward Transconductance
GFS
150
—
—
mmho VDS = 25V, ID = 200 mA
Input Capacitance
CISS
—
—
110
pF
VGS = 0V,
VDS = 25V,
f = 1 MHz
Common Source Output Capacitance
COSS
—
—
60
Reverse Transfer Capacitance
CRSS
—
—
23
Turn-on Delay Time
td(ON)
—
—
20
ns
VDD = 25V,
ID = 150 mA,
RGEN = 25Ω
Rise Time
tr
—
—
15
Turn-off Delay Time
td(OFF)
—
—
25
Fall Time
tf
—
—
25
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
1.8
V
VGS = 0V, ISD = 200 mA (Note 1)
Reverse Recovery Time
trr
—
300
—
ns
VGS = 0V, ISD = 200 mA (Note 2)
Note 1: Unless otherwise stated, all DC parameters are 100% tested at +25°C.
Pulse test: 300 µs pulse, 2% duty cycle.
2: Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com