Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS472 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS472
Description  Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 10Page - STMicroelectronics TS472 Datasheet HTML 11Page - STMicroelectronics TS472 Datasheet HTML 12Page - STMicroelectronics TS472 Datasheet HTML 13Page - STMicroelectronics TS472 Datasheet HTML 14Page - STMicroelectronics TS472 Datasheet HTML 15Page - STMicroelectronics TS472 Datasheet HTML 16Page - STMicroelectronics TS472 Datasheet HTML 17Page - STMicroelectronics TS472 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application Information
TS472
14/20
4.5
Gain settings
The gain in the application depends mainly on:
the sensitivity of the microphone,
the distance to the microphone,
the audio level of the sound,
the desired output level.
The sensitivity of the microphone is generally expressed in dB/Pa, referenced to 1V/Pa. For
example, the microphone used in testing had an output voltage of 6.3 mV for a sound pressure
of 1 Pa (where Pa is the pressure unit, Pascal). Expressed in dB, the sensitivity is:
20Log(0.0063) = -44 dB/Pa
To facilitate the first approach, the following table gives voltages and gains used with a low cost
omnidirectional Electret Condenser Microphone of -44dB/Pa.
The gain of the TS472 microphone preamplifier can be set:
1.
From -1.5 dB to 41 dB by connecting an external grounded resistor RGS to the GS pin. It
allows to adapt more precisely the gain to each application.
Table 10.
Typical TS472 gain vs. distance to the microphone (sensitivity -44dB/Pa)
Distance to microphone
Microphone output voltage
TS472 Gain
1 cm
30 mVRMS
20
20 cm
3 mVRMS
100
Table 11.
Selected gain vs. gain select resistor
Gain (dB)
010
20
30
40
RGS (Ω)
470k
27k
4k7
1k
68
Figure 33. Gain in dB vs. gain select
resistor
Figure 34. Gain in V/V vs. gain select
resistor
10
100
1k
10k
100k
1M
-10
0
10
20
30
40
50
Tamb=25
°C
R
GS
(
)
10
100
1k
10k
100k
1M
1
10
100
Tamb=25
°C
R
GS
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com