Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH40P03ST Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH40P03ST
Description  ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH40P03ST Datasheet(HTML) 3 Page - STMicroelectronics

  STTH40P03ST Datasheet HTML 1Page - STMicroelectronics STTH40P03ST Datasheet HTML 2Page - STMicroelectronics STTH40P03ST Datasheet HTML 3Page - STMicroelectronics STTH40P03ST Datasheet HTML 4Page - STMicroelectronics STTH40P03ST Datasheet HTML 5Page - STMicroelectronics STTH40P03ST Datasheet HTML 6Page - STMicroelectronics STTH40P03ST Datasheet HTML 7Page - STMicroelectronics STTH40P03ST Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH40P03S
3/8
Figure 1: Application Characteristics
Figure 2: Application Waveforms
Figure 3: Forward voltage drop versus forward
current
Figure
4:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration (TO-220AB / TO-247)
L
DCL2
VS
VS
DCL1
T1
T2
T3
T4
Cpanel
VCpanel
CS
V/2
S
GND
DERC2
VDERC1
DERC1
iL
IDERC1
tclamp
VDERC1
t
t
iL
IP
IRM
VFP
VF
V/2
S
tp
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
I
(A)
FM
T =125°C
(typical values)
j
T =25°C
(maximum values)
j
V
(V)
FM
T =125°C
(maximum values)
j
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
Single pulse
t (s)
p
TO-220AB
TO-247



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com