Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZS220L Datasheet(PDF) 1 Page - Formosa MS

Part # ZS220L
Description  1WATT SURFACE MOUNT ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ZS220L Datasheet(HTML) 1 Page - Formosa MS

  ZS220L Datasheet HTML 1Page - Formosa MS ZS220L Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
! PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
! LOW ZENER IMPEDANCE
! EXCELLENT CLAMPING CAPABILITY
MECHANICAL DATA
! CASE:MOLDED PLASTIC
! TERMINALS:SOLDER PLATED
! POLARITY:INDICATED BY CATHODE BAND
! WEIGHT:0.10 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
STORAGE AND OPERATING TEMPERATURE RANGE -55℃ TO + 150℃
ELECTRICAL CHARACTERISTICS (TA=25℃UNLESS OTHERWISE NOTED) VF=1.2V MAX, IF = 200mA FOR ALL TYPES
ZENER
BREAKDOWN
VOLTAGE
DYNAMIC IMPEDANCES
@
25℃TA
MAXIMUM REVERSE
CURRENT
@ MEASUREMENT
VOLTAGE AND 25℃TA
MAXIMUM FORWARD
VOLTAGE
@25℃TA
@IF=1.0A
VZ
IZT
ZZT
IZK
ZZK
VR
IR
VF
TYPE
V
mAohmsmAohms
V
µA
V
ZS100L
ZS115L
ZS120L
ZS130L
ZS140L
ZS150L
ZS160L
ZS170L
ZS180L
ZS190L
ZS200L
ZS210L
ZS220L
ZS230L
ZS240L
ZS250L
ZS260L
ZS270L
ZS280L
ZS290L
ZS300L
ZS310L
ZS320L
ZS330L
110
115
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
750
750
850
1000
1200
1300
1500
2200
2200
2500
2500
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
8000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9500
9500
9500
80
85
90
95
105
110
120
130
140
150
165
165
170
175
180
190
195
200
210
215
220
225
233
240
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
NOTE︰STANDARD ± 20% ,
SUFFIX〝A〞± 10%,SUFFIX〝B〞± 5%
0.205(5.2)
0.189(4.8)
0.012(0.3) Typ.
0.110(2.8)
0.094(2.4)
0.181(4.6)
0.165(4.2)
0.075(1.9)
0.067(1.7)
0.024(0.60)
0.034(0.85)
0.024(0.60)
0.034(0.85)
ZS100L THRU ZS330L
1WATT SURFACE MOUNT ZENER DIODE
FORMOSA
Dimensions in inches and (millimeters)
SMA-L
LOW PROFILE PACKAGE


Similar Part No. - ZS220L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS220 FORMOSA-ZS220 Datasheet
59Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZS220-LFR FRONTIER-ZS220-LFR Datasheet
121Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZS220BL CHENG-YI-ZS220BL Datasheet
131Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZS220L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZM200X FORMOSA-ZM200X Datasheet
54Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
ZM200-X FORMOSA-ZM200-X Datasheet
58Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
ZS100 FORMOSA-ZS100 Datasheet
59Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
ZS4728A FORMOSA-ZS4728A Datasheet
98Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
ZTS200-X FORMOSA-ZTS200-X Datasheet
57Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZS110-LFR FRONTIER-ZS110-LFR Datasheet
121Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
ZTS200-X FRONTIER-ZTS200-X Datasheet
122Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
ZUL10-200B FRONTIER-ZUL10-200B Datasheet
119Kb / 2P
1WATT ZENER DIODE
ZUL10-400B FRONTIER-ZUL10-400B Datasheet
119Kb / 2P
1WATT ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZS100BL CHENG-YI-ZS100BL Datasheet
131Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com