Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC6321 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC6321
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6321 Datasheet(HTML) 5 Page - Microchip Technology

  TC6321 Datasheet HTML 1Page - Microchip Technology TC6321 Datasheet HTML 2Page - Microchip Technology TC6321 Datasheet HTML 3Page - Microchip Technology TC6321 Datasheet HTML 4Page - Microchip Technology TC6321 Datasheet HTML 5Page - Microchip Technology TC6321 Datasheet HTML 6Page - Microchip Technology TC6321 Datasheet HTML 7Page - Microchip Technology TC6321 Datasheet HTML 8Page - Microchip Technology TC6321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2017 Microchip Technology Inc.
DS20005724A-page 5
TC6321
Diode Parameters
Diode Forward Voltage Drop
VSD
–1.8
V
VGS= 0V, ISD= –500 mA
(Note 1)
Reverse Recovery Time
trr
—100
ns
VGS = 0V, ISD = –500 mA
diF/dt = -25 A/µs (Note 2)
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature
TJ
–40
+150
°C
Storage Temperature
TA
–55
+175
°C
Thermal Package Resistances
Thermal Resistance,
6x5 mm VDFN-8LD
JC
1.43
°C/W
JA
—34.4—
°C/W
P-CHANNEL DC AND AC ELECTRICAL CHARACTERISTICS (CONTINUED)
Unless otherwise noted, TA = TJ = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Condition
Note 1:
Unless otherwise stated, all DC parameters are 100% tested at +25°C. Pulse test: 300 µs pulse, 2% duty
cycle.
2:
Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com