Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8921 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DS8921
Description  DS8921x Differential Line Driver and Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8921 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DS8921 Datasheet HTML 8Page - Texas Instruments DS8921 Datasheet HTML 9Page - Texas Instruments DS8921 Datasheet HTML 10Page - Texas Instruments DS8921 Datasheet HTML 11Page - Texas Instruments DS8921 Datasheet HTML 12Page - Texas Instruments DS8921 Datasheet HTML 13Page - Texas Instruments DS8921 Datasheet HTML 14Page - Texas Instruments DS8921 Datasheet HTML 15Page - Texas Instruments DS8921 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
DS8921/DS8921A/DS8921AT
1
2
3
4
5
6
7
8
Via to VCC
Plane
Via to GND
Plane
Via to GND
Plane
RX Differential Pair
TX Differential Pair
Termination
Resistor
Bypass Capacitor
DS8921, DS8921A, DS8921AT
SNLS374D – MAY 1998 – REVISED JANUARY 2015
www.ti.com
10 Power Supply Recommendations
TI recommends connecting the supply (VCC) and ground (GND) pins to power planes that are routed on
adjacent layers of the PCB. Additionally, careful attention should be paid to bypassing the supply using a
capacitor. A 0.1-µF bypass capacitor should be connected to the VCC pin such that the capacitor is as close as
possible to the device.
11 Layout
11.1 Layout Guidelines
High-speed interconnects should be treated as transmission lines with a controlled impedance. The differential
interconnect can be a pair of printed-circuit board (PCB) traces, twisted-pair wires, or a parallel wire cable. A
termination resistor should be placed at the differential input, and the resistor value should be approximately the
same as the differential impedance of the transmission line to minimize reflections.
It is preferable to connect the VCC and GND pins to the power and ground planes using plated-through-holes.
Additionally, a 0.1-µF bypass capacitor should be placed close to the VCC pin across VCC and GND.
Place a terminating resistor at the receiving end of the interconnect transmission line, as close as possible to the
input pins of the receiver. The terminating resistor value should be approximately the same as the differential pair
impedance to minimize reflection, and the transmission line should have a controlled impedance with minimum
impedance discontinuities.
The input and output differential signals of the device should have traces that are routed exclusively on one layer
of the board, and the differential pairs should also be routed away from other differential pairs in order to
minimize crosstalk between transmission lines. Additionally, the differential pairs should have a controlled
impedance with minimum impedance discontinuities and be terminated with a resistor that is closely matched to
the differential pair impedance in order to minimize transmission line reflections. The differential pairs should be
routed with uniform trace width and spacing to minimize impedance mismatch.
11.2 Layout Example
Figure 16. DS8921 Example Layout
12
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: DS8921 DS8921A DS8921AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com