Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM4108PAPT Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM4108PAPT
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108PAPT Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM4108PAPT Datasheet HTML 3Page - Texas Instruments PCM4108PAPT Datasheet HTML 4Page - Texas Instruments PCM4108PAPT Datasheet HTML 5Page - Texas Instruments PCM4108PAPT Datasheet HTML 6Page - Texas Instruments PCM4108PAPT Datasheet HTML 7Page - Texas Instruments PCM4108PAPT Datasheet HTML 8Page - Texas Instruments PCM4108PAPT Datasheet HTML 9Page - Texas Instruments PCM4108PAPT Datasheet HTML 10Page - Texas Instruments PCM4108PAPT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
7
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
VOUT1+
1
Output
Channel 1 Analog Output, Noninverted
VOUT1−
2
Output
Channel 1 Analog Output, Inverted
VOUT5+
3
Output
Channel 5 Analog Output, Noninverted
VOUT5−
4
Output
Channel 5 Analog Output, Inverted
AGND1
5
Ground
Analog Ground
VREF1−
6
Input
Low Reference Voltage; connect to AGND
VREF1+
7
Input
High Reference Voltage; connect to VCC or external reference
NC
8
No Internal Connection
NC
9
No Internal Connection
NC
10
No Internal Connection
NC
11
No Internal Connection
MODE
12
Input
Operating Mode (0 = Standalone, 1 = Software Controlled)
RST
13
Input
Reset/Power Down (Active Low)
MUTE
14
Input
All−Channel Soft Mute (Active High)
DEM1
15
Input
Digital De-Emphasis Filter Configuration
DEM0
16
Input
Digital De-Emphasis Filter Configuration
SUBA
17
Input
Sub-Frame Assignment, Bank A (TDM Formats Only)(1) (Normally connected to DGND)
SUBB
18
Input
Sub-Frame Assignment, Bank B (TDM Formats Only)(1) (Normally connected to VDD)
SCKI
19
Input
System Clock
BCK
20
Input
Audio Bit (or Data) Clock
LRCK
21
Input
Audio Left/Right (or Word) Clock
DATA0
22
Input
Audio Data for Channels 1 and 2 (I2S, Left/Right-Justified formats)
or Audio Data for Channels 1 through 4 for TDM Formats
DATA1
23
Input
Audio Data for Channels 3 and 4 (I2S, Left/Right-Justified formats)
DATA2
24
Input
Audio Data for Channels 5 and 6 (I2S, Left/Right-Justified formats) or Audio Data for Channels 5
through 8 for TDM formats
DATA3
25
Input
Audio Data for Channels 7 and 8 (I2S, Left/Right-Justified formats)
VDD
26
Power
Digital Power Supply, +3.3V
DGND
27
Ground
Digital Ground
CSA
28
Input
Serial Peripheral Interface (SPI) Chip Select for Bank A registers (Active Low)(1)(2)
CSB
29
Input
Serial Peripheral Interface (SPI) Chip Select for Bank B registers (Active Low)(1)(2)
CCLK
30
Input
Serial Peripheral Interface (SPI) Data Clock
CDIN
31
Input
Serial Peripheral Interface (SPI) Data Input
CDOUT
32
Output
Serial Peripheral Interface (SPI) Data Output
(1) Bank A refers to Channels 1 through 4 and the control register bank used to control the functions associated with these channels, while Bank
B refers to Channels 5 through 8 and the control register bank used to control the functions associated with these channels.
(2) For register write operations, both banks may be selected and written to simultaneously. However, for register read operations, only one bank
may be selected. If both banks are selected for a read operation, the state of the CDOUT pin will be indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com