Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM4108PAPR Datasheet(PDF) 15 Page - Texas Instruments

Part # PCM4108PAPR
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108PAPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM4108PAPR Datasheet HTML 11Page - Texas Instruments PCM4108PAPR Datasheet HTML 12Page - Texas Instruments PCM4108PAPR Datasheet HTML 13Page - Texas Instruments PCM4108PAPR Datasheet HTML 14Page - Texas Instruments PCM4108PAPR Datasheet HTML 15Page - Texas Instruments PCM4108PAPR Datasheet HTML 16Page - Texas Instruments PCM4108PAPR Datasheet HTML 17Page - Texas Instruments PCM4108PAPR Datasheet HTML 18Page - Texas Instruments PCM4108PAPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
15
Digital
Filtering
and
Functions
Audio
Serial
Port
SPI Port
and
Control
V
OUT1+
V
OUT1−
V
OUT2+
V
OUT2−
V
OUT3+
V
OUT3−
V
OUT4+
V
OUT4−
Digital
Power
Analog
Power
System Clock
and
Timing
V
CC1
AGND1
VCC2
AGND2
V
DD
V
DD
DGND
References
V
REF1+
V
REF1−
V
REF2+
V
REF2−
V
COM1
V
REF3+
V
REF3−
V
REF4+
V
REF4−
V
COM2
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
V
OUT5+
V
OUT5−
V
OUT6+
V
OUT6−
V
OUT7+
V
OUT7−
V
OUT8+
V
OUT8−
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
D/A Converter
and
Output Filter
LRCK
BCK
DATA0
DATA1
DATA2
DATA3
SCKI
RST
MUTE
SUBA
SUBB
CSA
CSB
CCLK
CDIN
CDOUT
MODE
Figure 2. PCM4108 Functional Block Diagram for Software Mode
ANALOG OUTPUTS
The PCM4108 provides eight differential voltage outputs,
corresponding to audio channels 1 through 8. Refer to the
Terminal Functions table for a pin listing.
Each differential output is typically capable of providing
6.15V full-scale (differential) into a 600
Ω output load. The
output pins are internally biased to the common-mode (or
bipolar zero) voltage, which is nominally VCC/2. The output
section of each D/A converter channel includes a
single-pole, switched capacitor low-pass filter circuit. The
switched capacitor filter response tracks with the sampling
frequency of the D/A converter and provides attenuation of
the out-of-band noise produced by the delta-sigma
modulator. An external two-pole continuous time filter is
recommended to further reduce the out-of-band noise
energy and to band limit the output spectrum to
frequencies suitable for audio reproduction. Refer to the
Applications Information section of this data sheet for
recommended output filter circuits.
VOLTAGE REFERENCES
The PCM4108 includes high and low reference pins for the
output channels. VREF1+ (pin 7) and VREF1− (pin 6)
correspond to Channels 1 and 5. VREF2+ (pin 42) and
VREF2− (pin 43) correspond to Channels 2 and 6. VREF3+
(pin 55) and VREF3− (pin 56) correspond to Channels 3
and 7. VREF4+ (pin 58) and VREF4− (pin 57) correspond to
Channels 4 and 8.
The high reference (+) pin may be connected to the
corresponding VCC supply or an external +5.0V reference,
while the low reference (−) pin is connected to analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com