Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD718 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 2SD718
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH POWER AMPLIFIER APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2SD718 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  2SD718 Datasheet HTML 1Page - First Silicon Co., Ltd 2SD718 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN EPITAXIAL SILICON TRANSISTOR
HIGH POWER AMPLIFIER APPLICATION
FEATURES
*Recommended for 45~50W Audio Frequency
Amplifier Output Stage.
*Complementary to 2SB688.
TO-3P
1
1: BASE
2:COLLECTOR
3: EMITTER
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
T
I
N
U
S
G
N
I
T
A
R
L
O
B
M
Y
S
R
E
T
E
M
A
R
A
P
V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
CBO
120
V
V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
CEO
120
V
V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
EBO
5
V
A
0
1
c
I
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
I
t
n
e
r
r
u
C
e
s
a
B
B
1
A
Collector Power Dissipation (Tc=25℃ )
Pc
80
W
j
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
150
℃
g
t
s
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
-55 ~150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃,unless otherwise specified))
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage V(BR)CEO
Ic=50mA,IB=0
120
V
Collector Cut-off Current
CBO
VCB=120V,IE=0
10
μA
Emitter Cut-off CurrentI
EBO
VEB
0
1
0
=
c
I
,
V
5
=
μA
H
n
i
a
G
t
n
e
r
r
u
C
C
D
FE
VCE=5V,Ic=1A
55
160
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=6A,IB=0.6A
2.0
V
Base-Emitter Voltage
BE
V
CE
=5V,Ic=5A
1.5
V
Transition Frequency
VCE=5V,Ic=1A
12
MHz
Collector Output Capacitance
ob
VCB=10V,IE=0, f=1MHz
170
pF
CLASSIFICATION OF hFE
O
R
K
N
A
R
0
6
1
-
0
8
0
1
1
-
5
5
E
G
N
A
R
2011. 02. 22
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
2SD718
I
I
Tf
C


Similar Part No. - 2SD718

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD718 MOSPEC-2SD718 Datasheet
118Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
logo
Wing Shing Computer Com...
2SD718 WINGS-2SD718 Datasheet
29Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Unisonic Technologies
2SD718 UTC-2SD718 Datasheet
108Kb / 3P
HIGH POWER AMPLIFIER APPLICATION
logo
Savantic, Inc.
2SD718 SAVANTIC-2SD718 Datasheet
175Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD718 ISC-2SD718 Datasheet
182Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SD718

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3734 NEC-2SC3734 Datasheet
233Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
AUK corp
2SC5344 AUK-2SC5344 Datasheet
215Kb / 4P
NPN Silicon Transistor (Audio power amplifier application)
2SC5344S AUK-2SC5344S Datasheet
206Kb / 4P
NPN Silicon Transistor (Audio power amplifier application)
2SC5344SF AUK-2SC5344SF Datasheet
88Kb / 4P
NPN Silicon Transistor (Audio power amplifier application)
logo
Toshiba Semiconductor
2SB1429 TOSHIBA-2SB1429 Datasheet
111Kb / 2P
TRANSISTOR SILICON PNP EPITAXIAL TYPE POWER AMPLIFIER APPLICATION
logo
Continental Device Indi...
CSA950 CDIL-CSA950 Datasheet
303Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
logo
KEC(Korea Electronics)
KTC3911S KEC-KTC3911S Datasheet
107Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR LOW NOISE AMPLIFIER APPLICATION
logo
Fairchild Semiconductor
KSD526Y FAIRCHILD-KSD526Y Datasheet
182Kb / 4P
NPN Epitaxial Silicon Transistor Power Amplifier Applications
logo
SEMTECH ELECTRONICS LTD...
ST2SC4375U SEMTECH_ELEC-ST2SC4375U Datasheet
239Kb / 3P
NPN Silicon Epitaxial Planar Transistor High current application
17/04/2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com