Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT157AT Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT157AT
Description  Fast CMOS Quad 2-Input Multiplexer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT157AT Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT157AT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT157AT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT157AT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT157AT Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT157AT Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS2010A 03/09/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT157T/257T
(25
Ω
Ω
Ω
Ω
Ω Series)PI74FCT2157T/2257T
QUAD 2-INPUT MULTIPLEXER
PI74FCT257/2257T Switching Characteristics over Operating Range
257T/2257T
257AT/2257AT 257CT/2257CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
6.0
1.5
5.0
1.5
4.3
ns
tPHL
IN to ZN
RL = 500
Ω
tPLH
Propagation Delay
1.5
10.5
1.5
7.0
1.5
5.2
ns
tPHL
S to ZN
tPZH
Output Enable Time
1.5
8.5
1.5
7.0
1.5
6.0
ns
tPZL
OE to ZN
tPZH
Output Disable Time(3)
1.5
6.0
1.5
5.5
1.5
5.0
ns
tPZL
OE to ZN
PI74FCT157/2157T Switching Characteristics over Operating Range
157T/2157T
157AT/2157AT 157CT/2157CT
157DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
6.0
1.5
5.0
1.5
4.3
1.5
3.9
ns
tPHL
IN to ZN
RL = 500
Ω
tPLH
Propagation Delay
1.5
10.5
1.5
6.0
1.5
4.8
1.5
4.4
ns
tPHL
E to ZN
tPLH
Propagation Delay
1.5
10.5
1.5
7.0
1.5
5.2
1.5
4.6
ns
tPHL
S to ZN
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter guaranteed but not production tested.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com