Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3835Y Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SC3835Y
Description  Silicon NPN Switching Ttransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SC3835Y Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SC3835Y Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
200
V
Collector-Emitter Voltage
V
CEO
110
V
Emitter-Base Voltage
V
EBO
8.0
V
Collector Current
I
C
7.0
A
Base Current
I
B
3.0
A
Total Dissipation at
P
tot
60
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
2SC3835Y
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CEO
V
CB=100V, IE=0
—
—
0.1
mA
Emitter Cut-off Current
I
EBO
V
EB=8.0V, IC=0
—
—
0.1
mA
Collector-Emitter Sustaining Voltage
V
CEO
I
C=1.0mA, IB=0
110
—
—
V
DC Current Gain
h
FE(1)
V
CE=4V, IC=3.0A
70
—
—
h
FE(2)
V
CE=5V, IC=1.0A
100
—
200
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=3.0A,IB=300mA
—
—
0.5
V
Base-Emitter Saturation Voltage
V
BE(sat)
I
C=3.0A,IB=300mA
—
—
1.2
V
Current Gain Bandwidth Product
f
T
V
CE=12V,IC=500mA
—
30
—
MHz
Silicon NPN Switching Ttransistors
Product specification
The is an epitaxial pianar type NPN
silicon transistor
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TO-3PN
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SC3835Y

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3835 SANKEN-2SC3835 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Humidifier, DC-DC Converter, and General Purpose)
logo
Unisonic Technologies
2SC3835 UTC-2SC3835 Datasheet
122Kb / 4P
SWITCH NPN TRANSISTOR
logo
Savantic, Inc.
2SC3835 SAVANTIC-2SC3835 Datasheet
168Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3835 JMNIC-2SC3835 Datasheet
122Kb / 3P
Silicon NPN Power Transistor
logo
Inchange Semiconductor ...
2SC3835 ISC-2SC3835 Datasheet
305Kb / 3P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC3835Y

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SD560 TGS-2SD560 Datasheet
71Kb / 1P
NPN Silicon Power Ttransistors
BD139 TGS-BD139 Datasheet
59Kb / 1P
Complementary Silicon Power Ttransistors
BUV48A TGS-BUV48A Datasheet
96Kb / 1P
NPN Silicon High Power Ttransistors
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
Complementary Silicon Power Ttransistors
TIP41C TGS-TIP41C Datasheet
89Kb / 1P
Complementary Silicon Power Ttransistors
2SC5148 TGS-2SC5148 Datasheet
121Kb / 1P
Silicon NPN Triple Diffused Planar Ttransistors
2SC5150 TGS-2SC5150 Datasheet
172Kb / 1P
Silicon NPN Triple Diffused Planar Ttransistors
2SD288 TGS-2SD288 Datasheet
3Mb / 1P
Silicon NPN Power Ttransistors
MJD31C TGS-MJD31C Datasheet
358Kb / 1P
Complementary Silicon Power Ttransistors
MJD41C TGS-MJD41C Datasheet
368Kb / 1P
Complementary Silicon Power Ttransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com