Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC2655 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC2655
Description  Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2655 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC2655 Datasheet HTML 1Page - First Silicon Co., Ltd FTC2655 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 2 3
TO-92L
1. EMITTER
2. COLLECTOR
3. BASE
SEMICONDUCTOR
TECHNICAL DATA
FTC2655
2010. 9. 07
1/2
Revision No : 0
FEATURES
Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
High Speed Switching Time: tstg=1
μs(Typ.)
Complementary to FTA1020
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Symbol
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current –Continuous
2
A
PC
Collector Power Dissipation
0.9
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100
μA,IE
V
0
5
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB
V
0
5
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=100
μA,IC
V
5
0
=
Collector cut-off current
ICBO
VCB=50V,IE
1
0
=
μA
Emitter cut-off current
IEBO
VEB=5V,IC
1
0
=
μA
hFE(1)
VCE=2V,IC=500mA
70
240
DC current gain
hFE(2)
VCE=2V,IC
0
4
A
5
.
1
=
Collector-emitter saturation voltage
VCE(sat)
IC=1A,IB
V
5
.
0
A
5
0
.
0
=
Base-emitter saturation voltage
VBE(sat)
IC=1A,IB
V
2
.
1
A
5
0
.
0
=
Transition frequency
fT
VCE=2V,IC
z
H
M
0
0
1
A
5
.
0
=
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
30
pF
Tune on Time
ton
5
1
.
0
Storage Time
tstg
1
Switch time
Fall Time
tf
VCC=30V,Ic=1A,
IB1=-IB2=0.05A
0.15
μs
CLASSIFICATION OF hFE(1)
Rank
Y
O
Range
0
4
2
-
0
2
1
0
4
1
-
0
7


Similar Part No. - FTC2655

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
FTC260 EH-FTC260 Datasheet
518Kb / 16P
Point level switch with buildup compensation No calibration necessary
2019-05-02
FTC262 EH-FTC262 Datasheet
518Kb / 16P
Point level switch with buildup compensation No calibration necessary
2019-05-02
logo
First Silicon Co., Ltd
FTC2688 FS-FTC2688 Datasheet
172Kb / 2P
Color TV chroma out pupt circuits
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
Audio frequency power amplifier
More results

Similar Description - FTC2655

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH45N120 IXYS-IXSH45N120 Datasheet
88Kb / 4P
High Voltage, Low VCE(sat) IGBT
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
Fairchild Semiconductor
SGP23N60UFTU FAIRCHILD-SGP23N60UFTU Datasheet
416Kb / 7P
Low Saturation Voltage: VCE(sat) = 2.1 V @ IC = 12 A
logo
Rohm
2SC5053_REV2008 ROHM-2SC5053_REV2008 Datasheet
84Kb / 3P
Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
2SB1184TLR ROHM-2SB1184TLR Datasheet
172Kb / 4P
Low VCE(sat).VCE(sat) = -0.5V (Typ.)(IC/IB = -2A / -0.2A), Complements the 2SD1760 / 2SD1864.
logo
MAKO SEMICONDUCTOR CO.,...
2SB1073 MAKOSEMI-2SB1073 Datasheet
102Kb / 2P
Low collector-emitter saturation voltage VCE(sat)
2SB1188 MAKOSEMI-2SB1188 Datasheet
147Kb / 2P
Low VCE(sat).
logo
Inchange Semiconductor ...
2N5497 ISC-2N5497 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3.5A
2N5495 ISC-2N5495 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com