Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC2688 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC2688
Description  Color TV chroma out pupt circuits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2688 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC2688 Datasheet HTML 1Page - First Silicon Co., Ltd FTC2688 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2015. 01. 20
2/2
FTC2688
Revision No : 0
TYPICAL CHARACTERISTICS (Ta=25℃)
0
25 50 75 100 125 150
Ambient Temperature, Ta (℃)
2
4
6
8
10
Total Power Dissipation Vs.
Ambinet Temperature
0
25 50
75 100 125 150
Ambient Temperature, Ta (℃)
0.25
0.5
0.75
1.0
1.25
Total Power Dissipation Vs.
Ambinet Temperature
175
Infinite Heat Sink
Free Air
1.5
0
2
4
6
8 10 12
Collector TO Emitter Voltage, VCE (V)
2
4
6
10
12
Collector Currentvs.
Collector to Emitter Voltage
14
14
8
IB=50µA
100µA
150µA
0
50
100
150
Collector TO Emitter Voltage, VCE (V)
0.5
1.0
2.0
2.5
Collector Currentvs.
Collector to Emitter Voltage
3.0
1.5
IB=10µA
30µA
20µA
0
0.4
0.8
1.2
Base to Emitter Voltage, VBE (V)
10
20
50
60
Collector Currentvs. Base to
Emitter Voltage
70
30
VCE=10V
0.2
0.6
1.0
1.4
40
0.1
10
100
Collector Current, IC (mA)
1
5
100
DC Current Gain vs. Collector
Current
10
0.5
5
50
1000
50
1
500
200
VCE=10V
0.1
10
100
Collector Current, IC (mA)
0.01
0.05
1.0
Base And Collector Saturation
Voltage vs. Collector Current
0.1
0.55
50
1000
0.5
1
500
VCE(SAT)
5.0
10.0
VBE(SAT)
IC=10·IB
-1
-10
Emitter Current, IE (mA)
10
200
Gain Banddwidth Product Vs.
Emitter Current
50
-5
-100
100
-50
VCE=30V
1
10
Collector to Base Voltage, VCB (V)
1
Feedback Capacitance
vs.Collectorto Base Voltage
5
5
100
10
50
IE=0
f=1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com