Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC3199 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC3199
Description  High DC Current Gain. Complementary to FTA1267
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3199 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC3199 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3199 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FTC3199
2011. 11. 11
2/2
Revision No : 0
0
1
1
10
100
1000
0
0
1
0
1
1
1
.
0
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
0
0
1
0
1
1
1
.
0
10
100
0
0
1
0
1
1
10
100
1000
0
1
1
1
.
0
0.1
1
10
100
200
400
600
800
1000
0.1
1
10
100
0
2
4
6
8
10
0
5
10
15
20
25
80
0.4
150
I
C
f
T
——
COMMON EMITTER
V
CE=10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
2000
150
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
150
150
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
500
0.5
Typical Characteristics
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 6V
30
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/VEB
C
ob/Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
BASE-EMMITER VOLTAGE V
BE (V)
I
C ——
V
BE
COMMON EMITTER
V
CE=6V
Static Characteristic
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
80uA
72uA
64uA
56uA
48uA
40uA
32uA
24uA
16uA
I
B=8uA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com