Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC4003 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC4003
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4003 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC4003 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4003 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2013. 08. 09
2/2
FTC4003
Revision No : 0
Typical Characteristics
0.1
1
10
100
1000
0
0
1
0
1
1
100
0
0
1
0
1
1
10
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
0
0
1
0
1
1
0.2
0.4
0.6
0.8
1.0
0
0
1
0
1
1
0
50
100
150
200
5
1
0
1
5
0
0
20
40
60
80
f=1MHz
I
E=0 / IC=0
T
a=25
℃
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
COLLECTOR CURRENT I
C
(mA)
V
CE=30V
T
a=25
℃
I
C
f
T
——
T
a=100
℃
COMMON EMITTER
V
CE= 10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
AMB ENT TEMPERATURE T
a
( )
℃
P
C
—— T
a
COLLECTOR CURRENT I
C
(A)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat ——
20
10
1
30
10
1000
100
200
200
T
a=25
℃
T
a=100
℃
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(A)
200
COMMON
EMITTER
T
a=25
℃
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B=50uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com