Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC4081 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC4081
Description  General Purpose Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4081 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC4081 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4081 Datasheet HTML 2Page - First Silicon Co., Ltd FTC4081 Datasheet HTML 3Page - First Silicon Co., Ltd FTC4081 Datasheet HTML 4Page - First Silicon Co., Ltd FTC4081 Datasheet HTML 5Page - First Silicon Co., Ltd FTC4081 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Purpose Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
50
V
Collector–Base Voltage
VCBO
60
V
Emitter–Base Voltage
VEBO
7.0
V
Collector Current — Continuous
I C
150
mAdc
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
C
Storage temperature
Tstg
-55 ~+150
C
h FE values are classified as follows:
Q
R
S
hFE
120~270
180~390
270~560
2
EMITTER
3
COLLECTOR
1
BASE
*
NPN Silicon
FEATURE
Low Cob,Cob=2pF(Typ.).
Epitaxial planar type.
PNP complement : FTA1576
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
FTC4081-Q
BQ
3000/Tape&Reel
FTC4081-Q
BQ
10000/Tape&Reel
FTC4081-R
BR
3000/Tape&Reel
FTC4081-R
BR
10000/Tape&Reel
FTC4081-S
BS
3000/Tape&Reel
FTC4081-S
BS
10000/Tape&Reel
2008. 4. 20
1/5
SEMICONDUCTOR
TECHNICAL DATA
FTC4081
Revision No : 0
1
3
2
SC-70 / SOT– 323


Similar Part No. - FTC4081

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC4083 FS-FTC4083 Datasheet
103Kb / 2P
High-Frequency Amplifier Transistor
More results

Similar Description - FTC4081

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848BWT1G LEIDITECH-LBC848BWT1G Datasheet
1,012Kb / 9P
General Purpose Transistors NPN Silicon
LH8050PLTIG LEIDITECH-LH8050PLTIG Datasheet
482Kb / 4P
General Purpose Transistors NPN Silicon
LMBT2222AL LEIDITECH-LMBT2222AL Datasheet
906Kb / 6P
General Purpose Transistors NPN Silicon
logo
AiT Semiconductor Inc.
MBT6427 AITSEMI-MBT6427 Datasheet
945Kb / 8P
GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com