Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC4373 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC4373
Description  NPN Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4373 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC4373 Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2011. 08. 11
1/1
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTC4373
NPN Transistor
FEATURES
Small Flat Package
High Current Application
High Voltage
High Transition Frequency
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
t
i
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
VCBO
V
0
2
1
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
0
2
1
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
5
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
8
.
0
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
m
0
0
5
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -1mA,IE=0
120
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
120
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=-120V,IE=0
100
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
100
nA
DC current gain
hFE
VCE=-5V, IC=-100mA
80
240
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA,IB=-50mA
1
V
Base-emitter voltage
VBE
VCE=-5V, IC=-500mA
1
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
30
pF
Transition frequency
fT
VCE=-5V,IC=-0.1A,
f=30MHz
120
MHz
CLASSIFICATION OF hFE
RANK
Y
O
RANGE
80–160
120–240
MARKING
Y
C
CO
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER


Similar Part No. - FTC4373

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC4370A FS-FTC4370A Datasheet
238Kb / 3P
TRANSISTOR (NPN)
FTC4374 FS-FTC4374 Datasheet
91Kb / 1P
Complementary to FTA1662
FTC4374O FS-FTC4374O Datasheet
91Kb / 1P
Complementary to FTA1662
FTC4374Y FS-FTC4374Y Datasheet
91Kb / 1P
Complementary to FTA1662
FTC4375 FS-FTC4375 Datasheet
91Kb / 2P
SOT-89 NPN Transistor
More results

Similar Description - FTC4373

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com