Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTD4240 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD4240
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD4240 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD4240 Datasheet HTML 1Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 2Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 3Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 4Page - First Silicon Co., Ltd FTD4240 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FTD4240
2014. 07. 01
2/5
Revision No : 0
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
ICBO
collector-base cut-off current IE = 0; VCB = 30 V
−
100
nA
IEBO
emitter-base cut-off current
IC = 0; VEB = 4 V
−
100
nA
hFE
DC current gain
IC = 100 mA; VCE = 2 V
350
−
IC = 500 mA; VCE = 2 V
300
−
IC = 1 A; VCE = 2 V
300
−
IC = 2 A; VCE = 2 V
150
−
VCEsat
collector-emitter saturation
voltage
IC = 100 mA; IB = 1 mA
−
70
mV
IC = 500 mA; IB = 50 mA
−
100
mV
IC = 750 mA; IB = 15 mA
−
180
mV
IC = 1 A; IB = 50 mA; note 1
−
180
mV
IC = 2 A; IB = 200 mA; note 1
−
320
mV
VBEsat
base-emitter saturation
voltage
IC = 2 A; IB = 200 mA; note 1
−
1.1
V
VBEon
base-emitter turn on voltage IC = 100 mA; VCE = 2 V
−
0.75
V
Cc
collector capacitance
IE = Ie = 0; VCB = 10 V; f = 1 MHz
−
20
pF
fT
transition frequency
IC = 100 mA; VCE = 10 V; f = 100 MHz
100
−
MHz
Note
1. Pulse test: tp ≤ 300 µs; δ ≤ 0.02.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com