Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTD2114K Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD2114K
Description  Epitaxial planar type NPN silicon transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD2114K Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD2114K Datasheet HTML 1Page - First Silicon Co., Ltd FTD2114K Datasheet HTML 2Page - First Silicon Co., Ltd FTD2114K Datasheet HTML 3Page - First Silicon Co., Ltd FTD2114K Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical characteristic curves
0
0.4
0.8
1.2
1.6
2.0
0
0.1
0 2
0 3
0.4
0 5
Ta=25 C
0.2µA
0.4µA
0.6µA
0.8µA
1.0µA
1.2µA
1.4µA
1.6µA
IB=0
1.8µA
2.0µA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Grounded emitter output
characteristics(Ι)
0
200
400
600
800
1000
024
6
8
10
Ta=25°C
Measured using
pulse current.
0 2mA
0.4mA
0 6mA
0 8mA
1 0mA
1 2mA
1.4mA
1 6mA
1.8mA 2 0mA
IB=0mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics(ΙΙ)
0
0 2
0.4
0.6
0.8
1 0
1 2
1.4
1
2
5
10
20
50
100
200
500
1000
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.3 Grounded emitter propagation
characteristics
VCE=3V
Measured using
pulse current.
25°C
−
25°C
Ta=100°C
1
2
5 10 20
50 100 200 500 1000
10
20
50
100
200
500
1000
2000
5000
10000
Ta=25°C
Measured using
pulse current.
COLLECTOR CURRENT : IC
(mA)
Fig.4 DC current gain vs. collector
current(Ι)
3V
VCE=5V
1V
1 2
5 10 20
50 100 200 5001000
10000
5000
2000
1000
500
200
100
50
20
10
VCE=3V
Measured using
pulse current.
COLLECTOR CURRENT : IC
(mA)
Fig.5 DC current gain vs.
collector current(ΙΙ)
25°C
−
25°C
Ta=100°C
1
2
2000
1000
200
500
100
20
50
10
5
2
5 10 20
50 100 200 5001000
Ta=25°C
Measured using
pulse current.
10
25
50
IC/IB=100
COLLECTOR CURRENT : IC
(mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current(Ι)
COLLECTOR CURRENT : IC
(mA)
1
2
2000
1000
200
500
100
20
50
10
5
2
5 10 20
50 100 200 5001000
IC/IB=25
Measured using
pulse current.
Fig.7 Collector-emitter saturation
voltage vs. collector current(ΙΙ)
Ta=100°C
25°C
−
25°C
COLLECTOR CURRENT : IC
(mA)
Fig.8 Base-emitter saturation
voltage vs. collector current(Ι)
1
2
5 10 20
50 100 200 500 1000
10000
5000
2000
1000
500
200
100
50
20
10
Ta=25°C
Pulsed
IC/IB=10
25
50
100
1
2
5 10 20
50 100 200 5001000
10000
5000
2000
1000
500
200
100
50
20
10
COLLECTOR CURRENT : IC
(mA)
Fig.9 Base-emitter saturation voltage
vs. collector current(ΙΙ)
Measured using
pulse current.
lC/lB=10
25°C
100°C
Ta=−25°C
2008. 2. 18
2/4
Revision No : 0
FTD2114K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com